Electronic Components Datasheet Search
  English  ▼

X  

TLK2541 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLK2541
Description  1 TO 2.6 GBPS TRANSCEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2541 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLK2541 Datasheet HTML 5Page - Texas Instruments TLK2541 Datasheet HTML 6Page - Texas Instruments TLK2541 Datasheet HTML 7Page - Texas Instruments TLK2541 Datasheet HTML 8Page - Texas Instruments TLK2541 Datasheet HTML 9Page - Texas Instruments TLK2541 Datasheet HTML 10Page - Texas Instruments TLK2541 Datasheet HTML 11Page - Texas Instruments TLK2541 Datasheet HTML 12Page - Texas Instruments TLK2541 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
TTL OUTPUT SWITCHING CHARACTERISTICS
RX_CLK
RXD[0-19]
TLK2541
www.ti.com...................................................................................................................................................... SLLS779B – JANUARY 2008 – REVISED APRIL 2008
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –1 mA, VDD = MIN
2.10
2.3
V
VOL
Low-level output voltage
IOL = 1 mA, VDD = MIN
GND
0.25
0.5
V
tr(slew)
Slew rate (rising), magnitude of RX_CLK,
0.8 V to 2 V, C = 5 pF, See Figure 3
0.5
V/ns
RXD[0:19]
tf(slew)
Slew rate (falling), magnitude of RX_CLK,
0.8 V to 2 V, C = 5 pF, See Figure 3
0.5
V/ns
RXD[0:19]
50% voltage swing, TX_CLK = 100 MHz,
2.5
See Figure 3
tsu
RXD[0:19] setup to
↑ RX_CLK
ns
50% voltage swing, TX_CLK = 130 MHz,
2.5
See Figure 3
50% voltage swing, TX_CLK = 100 MHz,
1.5
See Figure 3
th
RXD[0:19] hold to
↑ RX_CLK
ns
50% voltage swing, TX_CLK = 130 MHz,
1.5
See Figure 3
Duty Cycle, RX_CLK
See Figure 3
45%
50%
55%
Figure 3. TTL Data Output Valid Levels for AC Measurements
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TLK2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com