Electronic Components Datasheet Search
  English  ▼

X  

TLK2541 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLK2541
Description  1 TO 2.6 GBPS TRANSCEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK2541 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLK2541 Datasheet HTML 12Page - Texas Instruments TLK2541 Datasheet HTML 13Page - Texas Instruments TLK2541 Datasheet HTML 14Page - Texas Instruments TLK2541 Datasheet HTML 15Page - Texas Instruments TLK2541 Datasheet HTML 16Page - Texas Instruments TLK2541 Datasheet HTML 17Page - Texas Instruments TLK2541 Datasheet HTML 18Page - Texas Instruments TLK2541 Datasheet HTML 19Page - Texas Instruments TLK2541 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
8B/10B Decode Bypass
RX Rate Select
TLK2541
SLLS779B – JANUARY 2008 – REVISED APRIL 2008...................................................................................................................................................... www.ti.com
8-bit/10-bit encoding contains a character called the comma (b0011111 or b1100000), which is used by the
comma detect circuit on the TLK2541 to align the received serial data back to its original byte boundary. The
decoder detects the comma, generating a synchronization signal aligning the data to their 10-bit boundaries for
decoding; the comma is mapped into the LSB. The decoder then converts the data back into 8-bit data. The
output from the two decoders is latched into the 16-bit register synchronized to the recovered parallel data clock
(RX_CLK) and output valid on the rising edge of the RX_CLK.
Since the TLK2541 must determine which byte of data belongs on the lower order byte of the parallel output bus,
the K code that contains a comma pattern is chosen to be output on the lower order byte. Protocols such as
Gigabit Ethernet or Fibre Channel are defined such that the K28.5 is only present on 20 or 40 bit boundaries.
NOTE:
The TLK2541 only achieves byte alignment on the 0011111 comma.
Decoding provides two additional status signals, RXD[16] and pin RXD[17]. When RXD[16] is high , an
8-bit/10-bit K code was received and the specific K code is presented on the data bits RXD[0:7]; otherwise, an
8-bit/10-bit D code was received. When RXD[17] is high, an 8-bit/10-bit K code was received and the specific
K-code is presented on data bits RXD[8:15]; otherwise, an 8-bit/10-bit D code was received (see Table 5). The
valid K codes the TLK2541 decodes are provided in Table 6. An error detected on either byte, including K codes
not in Table 6, causes that byte only to indicate a K0.0 code on the RXD[16] or RXD[17] and associated data
pins, where K0.0 is known to be an invalid 8-bit/10-bit code.
When control pin RXCODE is held low, the TLK2541 will bypass the integrated 8B/10B decode logic and will
present the raw 20 bit deserialized data on the output pins RXD[0:19]. If RXCODE is high, then the deserialized
data will be decoded by the integrated 8B/10B decoder and the decoded data will be output on the output pins
RXD[0:19].
The TLK2541 receiver has two ranges of operation. The TLK2541 may be used to deserialize 20 bits of data at a
data rate of 20 times the reference clock, or the TLK2541 may be used to deserialize 10 bits of data at a rate of
10 times the reference clock. In either case, the reference clock must be in the range of 100 to 130 MHz,
allowing the TLK2541 to be used as a 10-bit deserializer at a rate of 1 to 1.3 Gbps or as a 20-bit deserializer at a
rate of 2 to 2.6 Gbps. The control pin RXRATE selects the range of operation for the TLK2541 deserializer. The
recovered byte clock is always in the range of 100 to 130 MHz. The data rate range for the TLK2541 receiver
may be selected independently of the TLK2541 transmitter. The TLK2541 may receive a data stream that is half
the rate of the transmitted data stream, or twice that of the transmitted data stream, or the same as the
transmitted data stream. At whatever data rate is chosen for the receiver, the Clock/Data Recovery (CDR)
function in the TLK2541 receiver may lock to and track an incoming data stream that is as much as ± 200 ppm
away from the nominal data rate as referenced by the REFCLK to the TLK2541.
When RXRATE is low, the TLK2541 deserializes the data stream into a 10 bit data byte and output it on
RXD[0:9]. Bits RXD[10:19] are high-impedance. If the 8B/10B decoder is enabled, then the 10 bit deserialized
data is decoded and output on bits RXD[0:7], and bit RXD[16] indicates whether the code is a Dx.y code if
RXD[16] is low or a Kx.y code if RXD[16] is high. Bits RXD[8:15] and RXD[17:19] are high-impedance.
When RXRATE is high, the TLK2541 deserializes the data stream into a 20 bit data word and output it on bits
RXD[0:19]. Bit RXD[0] is the first bit received. If the 8B/10B decoders are enabled, then bits RXD[0:7] outputs the
lower order 10 bit deserialized code word and bits RXD[8:15] output the higher order 10 bit deserialized code
word. The lower order code word is the first byte received. Bit RXD[16] indicates whether the lower order code is
a Dx.y code if RXD[16] is low or a Kx.y code if RXD[16] is high. Bit RXD[17] indicates whether the higher order
code is a Dx.y code if RXD[17] is low or a Kx.y code if RXD[17] is high. Bits RXD[18] and RXD[19] are high
impedance.
When RXRATE is high, a K28.5 code such as that used in a Gigabit Ethernet IDLE or a FibreChannel ordered
set is output on the lower order byte. This is because at the higher data rate the parallel bus is two bytes wide,
and the receiver must determine which byte to output on the lower order byte of the receive parallel bus. The
TLK2541 receiver expects the K28.5 code to be present on the lower order byte and thus the receiver chooses a
20 bit deserialization boundary such that the K28.5 is present on the lower order byte.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TLK2541



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com