Electronic Components Datasheet Search
  English  ▼

X  

X3402 Datasheet(PDF) 2 Page - EPCOS

Part # X3402
Description  SAW IF filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X3402 Datasheet(HTML) 2 Page - EPCOS

  X3402 Datasheet HTML 1Page - EPCOS X3402 Datasheet HTML 2Page - EPCOS X3402 Datasheet HTML 3Page - EPCOS X3402 Datasheet HTML 4Page - EPCOS X3402 Datasheet HTML 5Page - EPCOS X3402 Datasheet HTML 6Page - EPCOS X3402 Datasheet HTML 7Page - EPCOS X3402 Datasheet HTML 8Page - EPCOS X3402 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
February 26, 2007
X3402
72.54 and 80.46 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Application
s
IF filter for Sirius Digital Satellite Radio
s
Diplexing of TDM1 and TDM2 satellite signal
s
One balanced input and two balanced outputs
s
Constant group delay
s
Usable bandwidths of 3.7 MHz in TDM1 and TDM2
s
Low voltage loss
XXXXX
Features
s
Package size 11.4 x 5.3 x 1.35 mm3
s
Maximum package height 1.5 mm
s
Package code QCC10C
s
RoHS compliant
s
Approximate weight 0.24 g
s
Package for Surface Mount Technology
(SMT)
s
Ni, gold-plated terminals
Pin configuration
s
9,10
Input, balanced
s
5,6
Output TDM1, balanced
s
3,4
Output TDM2, balanced
s
1,8
To be grounded
s
2,7
Case–grounds
9
6
5
4
3
2, 7
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com