Electronic Components Datasheet Search
  English  ▼

X  

X3402 Datasheet(PDF) 5 Page - EPCOS

Part # X3402
Description  SAW IF filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X3402 Datasheet(HTML) 5 Page - EPCOS

  X3402 Datasheet HTML 1Page - EPCOS X3402 Datasheet HTML 2Page - EPCOS X3402 Datasheet HTML 3Page - EPCOS X3402 Datasheet HTML 4Page - EPCOS X3402 Datasheet HTML 5Page - EPCOS X3402 Datasheet HTML 6Page - EPCOS X3402 Datasheet HTML 7Page - EPCOS X3402 Datasheet HTML 8Page - EPCOS X3402 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
February 26, 2007
X3402
72.54 and 80.46 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Matching network1) (based on four port measurement, quality factors QL = 40, QC = 90)
1) The input matching circuit has been designed as a power match of the filter’s input port to 175
Ω. In a second step
it has been optimized in a narrow range in order to operate at 27
Ω input termination with optimum filter perfor-
mance.
Cs1 = 68 pF
Lp2 = 82 nH
Lp3 = 680 nH
Cs4 = 5.6 pF
Lp5 = 520 nH
Cs6 = 4.7 pF
Cs1
Cs1
Lp2
Lp3
Cs4
Cs4
Lp5
Cs6
Cs6
TDM1
TDM2
27
Ω
1 k
Ω
1 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com