Electronic Components Datasheet Search
  English  ▼

X  

X3402 Datasheet(PDF) 3 Page - EPCOS

Part # X3402
Description  SAW IF filter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

X3402 Datasheet(HTML) 3 Page - EPCOS

  X3402 Datasheet HTML 1Page - EPCOS X3402 Datasheet HTML 2Page - EPCOS X3402 Datasheet HTML 3Page - EPCOS X3402 Datasheet HTML 4Page - EPCOS X3402 Datasheet HTML 5Page - EPCOS X3402 Datasheet HTML 6Page - EPCOS X3402 Datasheet HTML 7Page - EPCOS X3402 Datasheet HTML 8Page - EPCOS X3402 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
February 26, 2007
X3402
72.54 and 80.46 MHz
SAW Components
SAW IF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics of TDM1 channel
Temperature range for specification:
T
= –10 ˚C to +85 ˚C
Terminating source impedance:
ZS =27 Ω and matching network
Terminating load impedance:
ZL =1 kΩ and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
72.54
—
MHz
Minimum insertion attenuation
α
min
—
18.3
19.8
dB
(including losses in the matching network)
Maximum voltage gain source – load
(VL/VS)
α
vgsl
–7.0
–5.0
—
dB
Amplitude ripple (p-p)
∆α
fN ± 1.85 MHz
—
0.8
1.5
dB
Pass bandwidth
α
rel ≤ 1.5 dB
B1.5dB
—
4.1
—
MHz
α
rel ≤ 3 dB
B3dB
—
4.5
—
MHz
α
rel ≤ 15 dB
B15dB
—
5.6
6.1
MHz
α
rel ≤ 30 dB
B30dB
—
6.2
6.7
MHz
Mean attenuation (relative to
α
min)
α
rel
Upper sidelobe 86.47 ...
91.53 MHz
52.0
57.0
—
dB
Relative attenuation (relative to
α
min)
α
rel
Lower sidelobe 50.00 ...
65.00 MHz
40.0
45.0
—
dB
65.00 ...
66.48 MHz
39.0
44.0
—
dB
66.48 ...
68.08 MHz
37.0
42.0
—
dB
Upper sidelobe 77.30 ...
78.60 MHz
40.0
45.0
—
dB
78.60 ...
86.47 MHz
42.0
46.0
—
dB
86.47 ...
91.53 MHz
46.0
52.0
—
dB
91.53 ...
95.21 MHz
48.0
54.0
—
dB
95.21 ...
100.00 MHz
50.0
54.0
—
dB
Group delay ripple (p–p)
∆τ
fN ± 1.85 MHz
—
70
—
ns
Temperature coefficient of frequency
TCf
—
– 18
—
ppm/K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com