Electronic Components Datasheet Search
  English  ▼

X  

6.5MM Datasheet(PDF) 38 Page - ABB

Part # 6.5MM
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

6.5MM Datasheet(HTML) 38 Page - ABB

Back Button 6.5MM Datasheet HTML 34Page - ABB 6.5MM Datasheet HTML 35Page - ABB 6.5MM Datasheet HTML 36Page - ABB 6.5MM Datasheet HTML 37Page - ABB 6.5MM Datasheet HTML 38Page - ABB 6.5MM Datasheet HTML 39Page - ABB 6.5MM Datasheet HTML 40Page - ABB 6.5MM Datasheet HTML 41Page - ABB 6.5MM Datasheet HTML 42Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 80 page
background image
5
5/4
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
T
R
A
B
AH153-M
Cable
Type AH-CT, AH-M & AH-MR
T
R
A
B
AH153-CT2
T
R
A
B
AH153-M
Girder clips, mounting base & cable tie for cable bundle
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
Material
finishes
Quantity
(pieces)
AH153-CT2
7TCA084030R0537 1.5-3
200
7.6
F8+1
25
AH153-CT2R
7TCA084030R0540 1.5-3
200
7.6
F8+1
25
AH153-CT4
7TCA084030R0542 1.5-3
370
7.6
F8+1
25
AH38-CT2
7TCA084030R0586 3-8
200
7.6
F8+1
25
AH38-CT2R
7TCA084030R0588 3-8
200
7.6
F8+1
25
AH38-CT4
7TCA084030R0590 3-8
370
7.6
F8+1
25
AH814-CT2
7TCA084030R0644 8-14
200
7.6
F8+1
25
AH814-CT2R
7TCA084030R0646 8-14
200
7.6
F8+1
25
AH814-CT4
7TCA084030R0648 8-14
370
7.6
F8+1
25
AH1420-CT2
7TCA084030R0481 14-20
200
7.6
F8+1
25
AH1420-CT2R 7TCA084030R0483 14-20
200
7.6
F8+1
25
AH1420-CT4
7TCA084030R0485 14-20
370
7.6
F8+1
25
1
Mounting bases and cable ties are made of Polyamide 6.6
Girder clips & mounting base for cable bundles
Part no.
ABB order code
T (mm)
A (mm)
B (mm)
Material
finishes
Quantity
(pieces)
AH153-M
7TCA084030R0556 1.5-3
9
3.5
F8+
25
AH153-MR
7TCA084030R0559 1.5-3
9
3.5
F8+
25
AH38-M
7TCA084030R0616 3-8
9
3.5
F8+
25
AH38-MR
7TCA084030R0619 3-8
9
3.5
F8+
25
AH814-M
7TCA084030R0675 8-14
9
3.5
F8+
25
AH814-MR
7TCA084030R0679 8-14
9
3.5
F8+
25
AH1420-M
7TCA084030R0510 14-20
9
3.5
F8+
25
AH1420-MR 7TCA084030R0513 14-20
9
3.5
F8+
25
Cable tie not included. Ty-Rap® offers a range of cable ties suitable for use with E-Klips
products, please contact your local distributor for further information.
T
R
A
B
AH153-CT2
T
R
A
B
AH153-CT2
T
R
A
B
AH153-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com