Electronic Components Datasheet Search
  English  ▼

X  

6.5MM Datasheet(PDF) 8 Page - ABB

Part # 6.5MM
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

6.5MM Datasheet(HTML) 8 Page - ABB

Back Button 6.5MM Datasheet HTML 4Page - ABB 6.5MM Datasheet HTML 5Page - ABB 6.5MM Datasheet HTML 6Page - ABB 6.5MM Datasheet HTML 7Page - ABB 6.5MM Datasheet HTML 8Page - ABB 6.5MM Datasheet HTML 9Page - ABB 6.5MM Datasheet HTML 10Page - ABB 6.5MM Datasheet HTML 11Page - ABB 6.5MM Datasheet HTML 12Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
2
2/2
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Girder & purlin
Type AH, AV & FH
T
Ø
A
B
AH-153
Girder clips for chain or wire
Part no.
ABB order code
T (mm)
Ø (mm)
A (mm)
B (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
AH-153
7TCA084030R0448 1.5-3
6.5
16
12.5
72
F8+
100
AH-38
7TCA084030R0452 3-8
6.5
18
20.3
90
F8+
100
AH-814
7TCA084030R0457 8-14
6.5
26
20.3
90
F8+
100
AH-1420
7TCA084030R0443 14-20
6.5
30
26.6
90
F8+
100
Purlin clips for chain or wire
Part no. ABB order code
T (mm) Ø (mm) A (mm) B (mm) C (mm) D (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
AV-155
7TCA084030R0734 1.5-4
6.5
41
14
6.5
12
72
F8+
100
AV-57
7TCA084030R0739 4.5-7
6.5
42
15
6.5
12
72
F8+
100
Girder clamps for threaded rod
Part no. ABB order code
T (mm)
ØA (mm) ØB (mm) ØC (mm) D (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
FH-65
7TCA084030R1214
Max 18
12.7
6.5
6.5
19.5
45
F8+
100
FH-107
7TCA084030R1210
Max 18
10.7
10.7
6.5
19.5
45
F8+
100
T
Ø
A
B
AH-153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com