Electronic Components Datasheet Search
  English  ▼

X  

6.5MM Datasheet(PDF) 11 Page - ABB

Part # 6.5MM
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

6.5MM Datasheet(HTML) 11 Page - ABB

Back Button 6.5MM Datasheet HTML 7Page - ABB 6.5MM Datasheet HTML 8Page - ABB 6.5MM Datasheet HTML 9Page - ABB 6.5MM Datasheet HTML 10Page - ABB 6.5MM Datasheet HTML 11Page - ABB 6.5MM Datasheet HTML 12Page - ABB 6.5MM Datasheet HTML 13Page - ABB 6.5MM Datasheet HTML 14Page - ABB 6.5MM Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
3
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 3/1
Rod
Type SRH - Girder clamp for threaded rod
3/2
Type FC - Girder clamps for threaded rod
3/2
Type YH - Girder clamps for threaded rod
3/2
Type SSYH - Girder clamps for threaded rod
3/2
Type BH - Girder clamps for threaded rod
3/3
Type PD - Purlin clamp for threaded rod
3/3
Type FM - Fastening clips for threaded rod
3/3
Type AM - Fastening clips for threaded rod
3/4
Type YM - Fastening clips for threaded rod
3/4
Type BM - Fastening clips for rod
3/4
Type AH-AM - Girder clips for threaded rod
3/5
Type AH-YM - Girder clips for threaded rod
3/5
Type AH-BM - Girder clips for rod
3/6
Type AHB - Girder clips for threaded rod
3/6
Type AV-JB - Purlin clips for threaded rod
3/6
Type AV-AM - Purlin clips for threaded rod
3/7
Type AVB - Purlin clips for threaded rod
3/7
Type AV-BM - Purlin clips for rods
3/7
Type SM-AM - Purlin clips for threaded rod
3/8
Type UM-AM & UM-YM - Fastening clips for threaded rod
3/8
Type UM-BM - Fastening clips for rod
3/8
Type FH-AM - Girder clamps for threaded rod
3/9
Type FH-BM - Girder clamps for rod
3/9
Type VM-AM - Purlin clips for threaded rod
3/9
Type RM-AM - Purlin clips for threaded rod
3/10
Type VM-BM - Purlin clips for rod
3/10
Type TL - Threaded rod connector
3/10
Rod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com