Electronic Components Datasheet Search
  English  ▼

X  

HAL400 Datasheet(PDF) 6 Page - ITT Industries

Part # HAL400
Description  Linear Hall Effect Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HAL400 Datasheet(HTML) 6 Page - ITT Industries

Back Button HAL400 Datasheet HTML 2Page - ITT Industries HAL400 Datasheet HTML 3Page - ITT Industries HAL400 Datasheet HTML 4Page - ITT Industries HAL400 Datasheet HTML 5Page - ITT Industries HAL400 Datasheet HTML 6Page - ITT Industries HAL400 Datasheet HTML 7Page - ITT Industries HAL400 Datasheet HTML 8Page - ITT Industries HAL400 Datasheet HTML 9Page - ITT Industries HAL400 Datasheet HTML 10Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
HAL400
PRELIMINARY DATA SHEET
6
ITT Semiconductors
Electrical and Magnetic Characteristics
see Fig. 5 for TA and VDD as not otherwise specified; Typical characteristics for TJ = 25 °C, –75 mT < B < 75 mT and
VDD = 6.8 V
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Test Conditions
IDD
Supply Current
1
11.8
14.5
17.1
mA
TJ = 25 °C; IOUT1,2 = 0 mA
IDD
Supply Current under Recom-
mended Operating Conditions
1
9.3
14.5
18.5
mA
IOUT1,2 = 0 mA
VCM
Common Mode Output Voltage
2, 3
2.1
2.2
2.3
V
IOUT1,2 = 0 mA
VCM = (VOUT1 + VOUT2 ) / 2
CMRR
Common Mode Rejection Ratio
2, 3
–2
0
2
mV/V
IOUT1,2 = 0 mA
CMRR is limited by the influ-
ence of power dissipation
SB =
∆VOUTDIF/∆B
Differential Magnetic Sensitivity
2–3
37
42.5
49.5
mV/mT
B =
±60 mT ; TJ = 25 °C
VOUTDIF = VOUT1 – VOUT2
SB
Differential Magnetic Sensitivity
under Recommended Operating
Conditions
2–3
33
42.5
49.5
mV/mT
B =
±60 mT
VOUTDIF = VOUT1 – VOUT2
Boffset
Magnetic Offset
2–3
–1.0
–0.2
1.0
mT
B = 0 mT, IOUT1,2 = 0 mA
TJ = 25 °C
Boffset
Magnetic Offset over Tempera-
ture
2–3
–1.25
–0.2
1.25
mT
B = 0 mT, IOUT1,2 = 0 mA
∆BOFFSET/
∆T
Magnetic Offset Change due to
TA
–15
0
15
µT/K
B = 0 mT, IOUT1,2 = 0 mA
BW
Bandwidth (–3 dB)
2–3
–
10
–
kHz
1)
NLdif
Non Linearity of Differential Out-
put
2–3
–
0.2
1
%
B =
±40 mT, B = ±60 mT
NLsingle
Non Linearity of Single Ended
Output
2, 3
–
2
3
%
fCH
Chopper Frequency
2, 3
114
147
166
kHz
TJ = 25 °C
fCH
Chopper Frequency over Temp.
2, 3
90
147
166
kHz
VOUTACpp
Peak-to-Peak AC Output
Voltage
2, 3
0
0.32
0.8
V
nmeff
Magnetic RMS Differential
Broadband Noise
2–3
–
10
–
µT
BW = 10 Hz to 10 kHz
fCflicker
Corner Frequency
of 1/f Noise
2–3
–
10
Hz
B = 0 mT
fCflicker
Corner Frequency
of 1/f Noise
2–3
–
100
Hz
B = 65 mT
ROUT
Output Resistance
2, 3
0
30
50
Ω
IOUT1,2 v2.5 mA ; TJ = 25 °C
VDD = 6.8 V
ROUT
Output Resistance
over Temperature
2, 3
0
30
150
Ω
IOUT1,2 v2.5 mA
RthJSB
case
Thermal Resistance Junction to
Substrate Backside
–
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5 mm
pad size see Fig. 6
1) with external 2 pole filter (f3db = 5 kHz), VOUTAC is reduced to less than 1 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com