Electronic Components Datasheet Search
  English  ▼

X  

HAL400 Datasheet(PDF) 7 Page - ITT Industries

Part # HAL400
Description  Linear Hall Effect Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HAL400 Datasheet(HTML) 7 Page - ITT Industries

Back Button HAL400 Datasheet HTML 3Page - ITT Industries HAL400 Datasheet HTML 4Page - ITT Industries HAL400 Datasheet HTML 5Page - ITT Industries HAL400 Datasheet HTML 6Page - ITT Industries HAL400 Datasheet HTML 7Page - ITT Industries HAL400 Datasheet HTML 8Page - ITT Industries HAL400 Datasheet HTML 9Page - ITT Industries HAL400 Datasheet HTML 10Page - ITT Industries HAL400 Datasheet HTML 11Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HAL400
PRELIMINARY DATA SHEET
7
ITT Semiconductors
0
1
2
3
4
5
–150 –100
–50
0
50
100
150 mT
V
B
Typical output voltages versus
magnetic flux density
VOUT1
VOUT2
HAL400
VOUT1
VOUT2
TA = 25 °C
VDD = 6.8 V
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
2
4
6
8
10
12
14 V
mT
VDD
Typical magnetic offset of
differential output versus
supply voltage
Parameter = TA
BOFFS
HAL400
TA = –40 °C
TA = 25 °C
TA = 150 °C
TA = 125 °C
B = 0 mT
BOFFSmax
BOFFSmin
–0.05
–0.04
–0.03
–0.02
–0.01
0.00
0.01
0.02
0.03
0.04
0.05
2
4
6
8
10
12
14 V
V
VDD
Typical differential output offset
voltage versus supply voltage
Parameter = TA
VOFFS
HAL400
TA = –40 °C
TA = 25 °C
TA = 150 °C
TA = 125 °C
B = 0 mT
–2.5
–2.0
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
–50 –25
0
25
50
75 100 125 150
°C
mT
TA
Typical magnetic offset of
differential output versus
ambient temperature
Parameter = VDD
BOFFS
HAL400
VDD = 6.0 V
VDD = 12 V
VDD = 4.8 V
BOFFSmin for
VDD = 6.8 V
BOFFSmax for
VDD = 6.8V
B = 0 mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com