Electronic Components Datasheet Search
  English  ▼

X  

HAL400 Datasheet(PDF) 11 Page - ITT Industries

Part # HAL400
Description  Linear Hall Effect Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HAL400 Datasheet(HTML) 11 Page - ITT Industries

Back Button HAL400 Datasheet HTML 7Page - ITT Industries HAL400 Datasheet HTML 8Page - ITT Industries HAL400 Datasheet HTML 9Page - ITT Industries HAL400 Datasheet HTML 10Page - ITT Industries HAL400 Datasheet HTML 11Page - ITT Industries HAL400 Datasheet HTML 12Page - ITT Industries HAL400 Datasheet HTML 13Page - ITT Industries HAL400 Datasheet HTML 14Page - ITT Industries HAL400 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
HAL400
PRELIMINARY DATA SHEET
11
ITT Semiconductors
–25
–20
–15
–10
–5
0
5
10
15
20
25
–15
–10
–5
0
5
10
15 V
mA
VDD
Typical supply current versus
supply voltage
Parameter = TA
IDD
HAL400
IOUT1,2 = 0 mA
TA = –40 °C
TA = 25 °C
TA = 150 °C
TA = 125 °C
0
5
10
15
20
–50 –25
0
25
50
75 100 125 150
°C
mA
TA
Typical supply current versus
temperature
Parameter = TA
IDD
HAL400
VDD = 6.0 V
VDD = 12 V
VDD = 4.8 V
B = 0 mT
0
5
10
15
20
2
4
6
8
10
12
14 V
mA
VDD
Typical supply current versus
supply voltage
Parameter = TA
IDD
HAL400
IOUT1,2 = 0 mA
TA = –40 °C
TA = 25 °C
TA = 150 °C
TA = 125 °C
0
5
10
15
20
25
–6
–4
–2
0
2
4
6 mA
mA
IOUT1,2
Typical supply current versus
output current
Parameter = VDD
IDD
HAL400
B = 0 mT
VDD = 12 V
VDD = 4.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com