Electronic Components Datasheet Search
  English  ▼

X  

F1E21 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # F1E21
Description  BLUETOOTH V2.0 EDR CLASS 2 MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1E21 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  F1E21 Datasheet HTML 1Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 2Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 3Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 4Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 5Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 6Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 7Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 8Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1.2 Features
• Fully Qualified Bluetooth v2.0 + EDR
• Enhanced Data Rate (EDR) compliant with v2.0.E.2 of specification for both 2Mbps and 3Mbps modulation modes
• Full-speed Bluetooth Operation with Full Piconet Support
• Scatternet Support
• Low Power Consumption
• Support for 802.11 Co-existence
• RoHS Compliant
• USB and Dual UART Ports
• Competitive Size (11mm x 11mm x 1.56mm : QFN 36Pin)
1.3 Application
▪ Notebook PC, Desktop PC
▪ PDA
▪ Cordless headset
▪ Digital camera & printer
▪ GPS,POS, Barcode Reader
▪ Domestic and industrial applications
▪ Access Point
▪ Serial Adapter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com