Electronic Components Datasheet Search
  English  ▼

X  

F1E21 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # F1E21
Description  BLUETOOTH V2.0 EDR CLASS 2 MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1E21 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button F1E21 Datasheet HTML 4Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 5Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 6Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 7Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 8Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 9Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 10Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 11Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
2. Characteristics
2.1 Electrical Characteristics
Absolute Maximum Ratings
Rating
Minimum
Maximun
Storage temperature
-40°C
85°C
Supply voltage : VCC
-0.4V
3.7V
Other terminal voltages
VSS-0.4V
VCC+0.4V
Recommended Operating Conditions
Operating Condition
Minimum
Maximun
Operating temperature range
-30°C
70°C
Supply voltage : VCC
1.7V
3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com