Electronic Components Datasheet Search
  English  ▼

X  

F1E21 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # F1E21
Description  BLUETOOTH V2.0 EDR CLASS 2 MODULE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F1E21 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button F1E21 Datasheet HTML 5Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 6Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 7Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 8Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 9Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 10Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 11Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 12Page - List of Unclassifed Manufacturers F1E21 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2.2 RF Characteristics
Transmitter
Specification
Condition
Min
Typ
Max
Unit
Output transmit power
Normal
-6
1
4
dBm
Transmit power density
Normal
4
dBm
Transmit power control
Normal
2
8
dBm
Frequency Range
Normal
2400
2483.5
MHz
20dB bandwidth for modulated carrier
Normal
850
1000
KHz
Adjacent channel transmit power
±2MHz
±3MHz
±4MHz
-20
-40
-40
dBm
Modulation Characteristics
f1avg
f2max
f2avg / f1avg
140
115
175
80
KHz
KHz
%
Initial carrier frequency tolerance
Normal
-20
20
KHz
Carrier frequency Drift
One slot packet(DH1)
Three slot packet(DH3)
Five slot packet(DH5)
-25
-40
-40
25
40
40
KHz
Transceiver
Specification
Condition
Min
Typ
Max
Unit
Adjacent channel transmit power
30MHz ~ 1GHz
1GHz ~12.75GHz
1.8GHz ~5.1GHz
5.1GHz ~5.3GHz
-36
-30
-47
-47
dBm
Receiver
Specification
Condition
Min
Typ
Max
Unit
Sensitivity level (0.1% BER)
Single slot packets
-70
-80
dBm
Transmit power density
Multi slot packet
-70
-80
dBm
C/I performance
co-channel
1MHz (Adjacent channel)
2MHz (2nd Adjacent channel)
3MHz (3rd Adjacent channel)
11
0
-30
-40
dB
Blocking performance
30MHz ~ 2000MHz
2000MHz ~ 2400MHz
2500MHz ~ 3000MHz
3000MHz ~ 12.75GHz
-10
-27
-27
-10
dBm
Intermodulation performance
n=5
-39
dBm
Maximum input level
-20
-10
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com