Electronic Components Datasheet Search
  English  ▼

X  

G01 Datasheet(PDF) 9 Page - Pycom

Part # G01
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

G01 Datasheet(HTML) 9 Page - Pycom

Back Button G01 Datasheet HTML 5Page - Pycom G01 Datasheet HTML 6Page - Pycom G01 Datasheet HTML 7Page - Pycom G01 Datasheet HTML 8Page - Pycom G01 Datasheet HTML 9Page - Pycom G01 Datasheet HTML 10Page - Pycom G01 Datasheet HTML 11Page - Pycom G01 Datasheet HTML 12Page - Pycom G01 Datasheet HTML 13Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
09
10.1
Current consumption by power modes/features running at 3.7V
Table 4 – Power consumption by feature
* More details can be found in section 14.2
10.0 Power
The G01 features an on–board voltage regulator that
takes 3.5V – 5.5V from the VIN pin and regulates it to
3.3V. It is important to only use the 3.3V as an output
and not try to feed 3.3V into this pin as this could
damage the regulator.
Mode
Min
Avg.
Max
Units
Idle (no radios)
–
37
–
mA
LTE Transmit
–
TBD
–
mA
WiFi AP
–
117
–
mA
WiFi client
–
130
–
mA
Bluetooth
–
113
–
mA
Deep sleep
–
87.1
–
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com