Electronic Components Datasheet Search
  English  ▼

X  

G01 Datasheet(PDF) 18 Page - Pycom

Part # G01
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

G01 Datasheet(HTML) 18 Page - Pycom

Back Button G01 Datasheet HTML 14Page - Pycom G01 Datasheet HTML 15Page - Pycom G01 Datasheet HTML 16Page - Pycom G01 Datasheet HTML 17Page - Pycom G01 Datasheet HTML 18Page - Pycom G01 Datasheet HTML 19Page - Pycom G01 Datasheet HTML 20Page - Pycom G01 Datasheet HTML 21Page - Pycom G01 Datasheet HTML 22Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
18
14.0 LTE CAT–M1/NB–IoT
14.1
Supported features
– 12 bands supported from 699Mhz to 2690Mhz (Total
worldwide support)
– 3GPP release 13 LTE Advanced Pro
– Supports narrowband LTE UE categories M1/NB1
– Integrated baseband, RF, RAM memory and power
management
– Reduced TX power class option
– Extended DRX (eDRX) and PSM features for long
sleep duration use cases
Table 15 – LTE modem performance
Parameter
Min
Typ.
Max
Unit
Data rate
LTE Cat M1 in 1.4 Mhz, HD–FDD – DL
–
300
–
kbps
LTE Cat M1 in 1.4 Mhz, HD–FDD – UP
–
375
–
kbps
LTE Cat NB1 in 200 kHz, HD–FDD – DL
–
40
–
kbps
LTE Cat NB1 in 200 kHz, HD–FDD – UL
–
55
–
kbps
Table 16 – Supported LTE bands
Table 17 – SIM card specificiations
Table 18 – Certified carriers
14.2.1 Supported LTE bands
14.3
SIM Card requirements
14.4
Certified carriers
Bands
TX Frequencies
RX Frequencies
Low Bands 5, 8, 12, 13, 18, 19, 20, 28
699 to 915 MHz
729 to 960 MHz
Mid Bands 1, 2, 3, 4
1710 to 1980 MHz
1805 to 2170 MHz
Parameter
Min
Typ.
Max
Unit
Form factor
–
Nano–SIM
–
–
Variant
–
USIM
–
–
Supply Voltage
–
1.8
–
v
Carrier
Country
Network
Verizon US
United States
LTE CAT–M1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com