Electronic Components Datasheet Search
  English  ▼

X  

G01 Datasheet(PDF) 12 Page - Pycom

Part # G01
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

G01 Datasheet(HTML) 12 Page - Pycom

Back Button G01 Datasheet HTML 8Page - Pycom G01 Datasheet HTML 9Page - Pycom G01 Datasheet HTML 10Page - Pycom G01 Datasheet HTML 11Page - Pycom G01 Datasheet HTML 12Page - Pycom G01 Datasheet HTML 13Page - Pycom G01 Datasheet HTML 14Page - Pycom G01 Datasheet HTML 15Page - Pycom G01 Datasheet HTML 16Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
12
13.0 Bluetooth
13.1
Supported features
– Compliant with Bluetooth v4.2 BR/EDR and BLE
specification
– Class–1, class–2 and class–3 transmitter without
external power amplifier
– Enhanced power control
– +12 dBm transmitting power
– NZIF receiver with –97 dBm sensitivity
– Adaptive Frequency Hopping (AFH)
– Standard HCI based on SDIO/SPI/UART
– High–speed UART HCI, up to 4 Mbps
– BT 4.2 controller and host stack
– Service Discover Protocol (SDP)
– General Access Profile (GAP)
– Security Manage Protocol (SMP)
– ATT/GATT
– HID
– All GATT–based profile supported
– SPP–like GATT–based profile
– BLE Beacon
– A2DP/AVRCP/SPP, HSP/HFP, RFCOMM
– CVSD and SBC for audio codec
– Bluetooth Piconet and Scatternet
13.2
Specification
13.2.1 Receiver – Basic Data Rate
Table 9 – Receiver (basic data rate) specifications
Parameter
Min
Typ.
Max
Unit
Sensitivity @0.1% BER
–
–94
–
dBm
Maximum received signal @0.1% BER
0
–
–
dBm
Co–channel C/I
–
+7
–
dB
Adjacent channel selectivity C/I
F = F0 + 1 MHz
–
–
–6
dB
F = F0 – 1 MHz
–
–
–6
dB
F = F0 + 2 MHz
–
–
–25
dB
F = F0 – 2 MHz
–
–
–33
dB
F = F0 + 3 MHz
–
–
–25
dB
F = F0 – 3 MHz
–
–
–45
dB
Out–of–band blocking performance
30Mhz ~ 2000MHz
–10
–
–
dBm
2000MHz ~
2400MHz
–27
–
–
dBm
2500MHz ~
3000MHz
–27
–
–
dBm
3000MHz ~
12.5GHz
–10
–
–
dBm
Intermodulation
–36
–
–
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com