Electronic Components Datasheet Search
  English  ▼

X  

0700461908968 Datasheet(PDF) 8 Page - Pycom

Part # 0700461908968
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908968 Datasheet(HTML) 8 Page - Pycom

Back Button 0700461908968 Datasheet HTML 4Page - Pycom 0700461908968 Datasheet HTML 5Page - Pycom 0700461908968 Datasheet HTML 6Page - Pycom 0700461908968 Datasheet HTML 7Page - Pycom 0700461908968 Datasheet HTML 8Page - Pycom 0700461908968 Datasheet HTML 9Page - Pycom 0700461908968 Datasheet HTML 10Page - Pycom 0700461908968 Datasheet HTML 11Page - Pycom 0700461908968 Datasheet HTML 12Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
08
8.0
Programming the device
8.1
UART
By default, the modules run an interactive python
REPL on UART0 which is connected to P0 (RX) and P1
(TX) running at 115200 baud. Code can be run via this
interactive REPL or you can use our PyMakr plugin for
Atom or Visual Studio Code to upload code to the board.
8.2
Wi–Fi
By default, the G01 also acts as a Wi–Fi access point
SSID: gpy–wlan–XXXX
Password: www.pycom.io
Once connected to the G01’s Wi–Fi network you can
access it in two ways.
8.2.1 Telnet
Running on port 23 is a telnet server. This acts in a
very similar way to the UART. It presents you with an
interactive REPL and can also be used to upload code
via PyMakr.
8.2.2
FTP
The G01 also runs a FTP server that allows you to copy
files to and from the device, include an SD card if one is
connected. To connect to this FTP server, you need to use
plain FTP (un–encrypted) with the following credentials:
User: micro
Password: python
9.0
Boot modes
9.1
Bootloader mode
In order to update the firmware of the G01 device, it
needs to be placed into bootloader mode. In order to
do this, P2 needs to be connected to ground when the
device reboots. Once in bootloader mode you can use
the Pycom firmware update tool to update to the latest
official firmware. If you are developing your own firmware
based on our open–source firmware, a flashing script is
provided with the source code.
9.2
Safe boot
The micropython firmware features a safe boot feature
that skips the boot.py and main.py scripts and goes
straight to the REPL. This is useful if the device is
programmed with code that causes the device to crash or
become inaccessible. To access this mode, you need to
connect P12 to 3.3V and reset the device. Upon entering
safe boot mode, the on–board LED will begin to blink
orange. Depending on the duration the pin is held at 3.3V,
a different firmware will be run.
Table 3 – Boot modes
0–3 Seconds
3–6 Seconds
Current firmware without running
boot.py or main.py
Previous firmware if the firmware was uploaded via OTA
(without running boot.py and main.py)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com