Electronic Components Datasheet Search
  English  ▼

X  

0700461908968 Datasheet(PDF) 1 Page - Pycom

Part # 0700461908968
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908968 Datasheet(HTML) 1 Page - Pycom

  0700461908968 Datasheet HTML 1Page - Pycom 0700461908968 Datasheet HTML 2Page - Pycom 0700461908968 Datasheet HTML 3Page - Pycom 0700461908968 Datasheet HTML 4Page - Pycom 0700461908968 Datasheet HTML 5Page - Pycom 0700461908968 Datasheet HTML 6Page - Pycom 0700461908968 Datasheet HTML 7Page - Pycom 0700461908968 Datasheet HTML 8Page - Pycom 0700461908968 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
01
1.0
Overview
With WiFi, BLE and cellular LTE–CAT M1/NB1, the
G01 OEM Module is the latest Pycom triple–bearer
MicroPython enabled micro controller on the market
today – the perfect enterprise grade IoT platform for your
connected things. Create and connect your
things everywhere, fast.
2.0
Features
– Powerful CPU, BLE and state of the art WiFi radio. 1KM
Wifi Range
– MicroPython enabled
– Can be directly surface mount inside your product like
a regular component
– Ultra–low power usage: a fraction compared to other
connected micro controllers
Size
40mm x 16mm x 2.7mm
8MB flash
memory
ESP32 Dual Core
Microcontroller and
WiFi/Bluetooth 4.2 radio
LTE CAT M1 / NB1
transceiver


Similar Part No. - 0700461908968

ManufacturerPart #DatasheetDescription
logo
Pycom
0700461908906 PYCOM-0700461908906 Datasheet
960Kb / 24P
The tiny MicroPython enabled Wifi & Bluetooth IoT development platform
Version 1.0
0700461908920 PYCOM-0700461908920 Datasheet
1Mb / 25P
The tiny MicroPython enabled Wifi & Bluetooth IoT development platform.
Version 1.0
0700461908937 PYCOM-0700461908937 Datasheet
1Mb / 31P
the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
Version 1.0
More results

Similar Description - 0700461908968

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-XV-EK-DS ETC2-RN-XV-EK-DS Datasheet
401Kb / 6P
The RN-XV-EK is an evaluation platform for the RN-XV module.
logo
STMicroelectronics
UM1494 STMICROELECTRONICS-UM1494 Datasheet
722Kb / 23P
The STEVAL-IHT007V1 demonstration board is designed for the home appliance market
13-Mar-2012
STL40N10F7 STMICROELECTRONICS-STL40N10F7 Datasheet
851Kb / 15P
Among the lowest RDS on the market
18-Dec-2015
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
The Smallest Dimension in the Market
logo
Ohmite Mfg. Co.
RES-2010SMD OHMITE-RES-2010SMD Datasheet
304Kb / 2P
Smallest wirewound on the market
logo
Amphenol Corporation
T8031 AMPHENOL-T8031 Datasheet
54Kb / 2P
One of the smallest in-duct CO2 transmitters on the market
logo
OSRAM GmbH
SFH-4851 OSRAM-SFH-4851 Datasheet
239Kb / 9P
Anode is electrically connected to the case
SFH-4845 OSRAM-SFH-4845 Datasheet
240Kb / 9P
Anode is electrically connected to the case
logo
Microsemi Corporation
PD-3504G MICROSEMI-PD-3504G Datasheet
817Kb / 2P
Compact 4-port Gigabit Midspan for the enterprise market
logo
Advantech Co., Ltd.
ESRP-ACT-UNO2484 ADVANTECH-ESRP-ACT-UNO2484 Datasheet
1,001Kb / 2P
Enterprise IoT Network Platform
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com