Electronic Components Datasheet Search
  English  ▼

X  

0700461908968 Datasheet(PDF) 5 Page - Pycom

Part # 0700461908968
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908968 Datasheet(HTML) 5 Page - Pycom

  0700461908968 Datasheet HTML 1Page - Pycom 0700461908968 Datasheet HTML 2Page - Pycom 0700461908968 Datasheet HTML 3Page - Pycom 0700461908968 Datasheet HTML 4Page - Pycom 0700461908968 Datasheet HTML 5Page - Pycom 0700461908968 Datasheet HTML 6Page - Pycom 0700461908968 Datasheet HTML 7Page - Pycom 0700461908968 Datasheet HTML 8Page - Pycom 0700461908968 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
05
6.0
Pin Details
Table 1 – Module pinout
Module
Pin
ESP32
GPIO
Pin
Name
Default Function
ADC
PWM
RTC†
Notes
22
21
P12
If tied to 3.3V during boot the device
enters safe boot mode, JTAG MISO
23
–
–
Ground
24
–
–
Ground
25
–
–
WiFi/BT antenna
50 Ohm impedance required
26
–
–
Ground
27
–
–
Ground
28
–
–
Ground
29
36
P13
1
Input only
30
37
P14
1
Input only
31
38
P15
1
Input only
32
39
P16
1
Input only
33
35
P17
1
Input only
34
34
P18
1
Input only
35
32
P19
1
36
33
P20
1
Connected to the on–board RGB LED
37
26
P21
2*
DAC
38
25
P22
2*
DAC
39
14
P23
2*
JTAG TMS, SD card SCLK
40
–
–
3.3V input
This supply should be able to source
650mA
41
–
–
Ground
42
–
–
1.8V Output
Only when the device is active, during
deep sleep this drops to 0V
43
–
–
Ground
44
–
–
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com