Electronic Components Datasheet Search
  English  ▼

X  

B43560 Datasheet(PDF) 1 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 1 Page - EPCOS

  B43560_02 Datasheet HTML 1Page - EPCOS B43560_02 Datasheet HTML 2Page - EPCOS B43560_02 Datasheet HTML 3Page - EPCOS B43560_02 Datasheet HTML 4Page - EPCOS B43560_02 Datasheet HTML 5Page - EPCOS B43560_02 Datasheet HTML 6Page - EPCOS B43560_02 Datasheet HTML 7Page - EPCOS B43560_02 Datasheet HTML 8Page - EPCOS B43560_02 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
150 10/02
Long-life grade capacitors
Applications
I Frequency converters
I Traction
I Highly professional power supplies
Features
I Maximum reliability
I Good thermal characteristics and
high ripple current capability
I Long useful life
I Wide temperature range
I All-welded construction ensures reliable
electrical contact
I Version with optimized construction for base cooling
(2-pad solution) available
I Version with low-inductance design available
Construction
I Charge-discharge proof, polar
I Aluminum case with insulating sleeve
I Poles with screw terminal connections
I Mounting with ring clips, clamps or threaded stud
I The bases of types with threaded stud and d
≤ 76,9 mm are
not insulated, types with
d
= 91 mm have fully insulated bases
KAL0567-B
B435
60
B435
80
B43560
Capacitors with Screw Terminals
B43580
Compact – 105 °C
B43560, B43580


Similar Part No. - B43560_02

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560A4109M000 EPCOS-B43560A4109M000 Datasheet
180Kb / 9P
Capacitors with Screw Terminals
B43560A4159M000 EPCOS-B43560A4159M000 Datasheet
180Kb / 9P
Capacitors with Screw Terminals
B43560A4278M000 EPCOS-B43560A4278M000 Datasheet
180Kb / 9P
Capacitors with Screw Terminals
B43560A4398M000 EPCOS-B43560A4398M000 Datasheet
180Kb / 9P
Capacitors with Screw Terminals
B43560A4478M000 EPCOS-B43560A4478M000 Datasheet
180Kb / 9P
Capacitors with Screw Terminals
More results

Similar Description - B43560_02

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5150M600 TDK-B41456B5150M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com