Electronic Components Datasheet Search
  English  ▼

X  

B43560 Datasheet(PDF) 5 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 5 Page - EPCOS

  B43560_02 Datasheet HTML 1Page - EPCOS B43560_02 Datasheet HTML 2Page - EPCOS B43560_02 Datasheet HTML 3Page - EPCOS B43560_02 Datasheet HTML 4Page - EPCOS B43560_02 Datasheet HTML 5Page - EPCOS B43560_02 Datasheet HTML 6Page - EPCOS B43560_02 Datasheet HTML 7Page - EPCOS B43560_02 Datasheet HTML 8Page - EPCOS B43560_02 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
154 10/02
Compact – 105 °C
B43560 / B43580
Overview of available types
The capacitance and voltage ratings listed above are available in different cases upon request.
Other voltage and capacitance ratings are also available upon request.
UR (VDC)
350
400
450
CR (µF)
Case dimensions
d
× l (mm)
2 200
64,3
× 105,7
64,3
× 130,7
2 700
64,3
× 105,7
3 300
64,3
× 130,7
76,9
× 130,7
3 900
76,9
× 105,7
4 700
64,3
× 143,2
76,9
× 105,7
76,9
× 130,7
76,9
× 168,7
91,0
× 144,5
6 000
76,9
× 130,7
76,9
× 220,7
6 800
76,9
× 143,2
91,0
× 144,5
91,0
× 191,0
8 200
91,0
× 144,5
91,0
× 170,0
76,9
× 220,7
91,0
× 221,0
10 000
76,9
× 220,7
12 000
91,0
× 221,0
15 000
91,0
× 221,0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com