Electronic Components Datasheet Search
  English  ▼

X  

B43560 Datasheet(PDF) 4 Page - EPCOS

Part # B43560
Description  Capacitors with Screw Terminals
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43560 Datasheet(HTML) 4 Page - EPCOS

  B43560_02 Datasheet HTML 1Page - EPCOS B43560_02 Datasheet HTML 2Page - EPCOS B43560_02 Datasheet HTML 3Page - EPCOS B43560_02 Datasheet HTML 4Page - EPCOS B43560_02 Datasheet HTML 5Page - EPCOS B43560_02 Datasheet HTML 6Page - EPCOS B43560_02 Datasheet HTML 7Page - EPCOS B43560_02 Datasheet HTML 8Page - EPCOS B43560_02 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
153 10/02
Compact – 105 °C
B43560 / B43580
Special designs
I Low-inductance design
I 2-pad solution
Design for optimized connection of the capacitor to the heatsink when using base cooling.
This version is available for capacitors without threaded stud and for diameters
≥64,3 mm
(cf.
I~R(B) in table “Technical data and ordering codes” and useful life graphs).
Ordering codes:
Accessories
The following items are included in the delivery package, but are not fastened to the capacitors:
The following must be ordered separately:
Ring clips
B 44 030 (cf. page 169)
Clamps for capacitors with
d
≥ 64,3 mm
B 44 030 (cf. page 173)
Insulating parts
B 44 020 (cf. page 166)
Design
Identification in 3rd
block of ordering code
Remark
Low inductance (13 nH)
M003
For capacitors with diameter
d
≥ 64,3 mm
2-pad solution
M006
For capacitors with diameter
d
≥ 64,3 mm and
without threaded stud
Thread
Toothed
washers
Screws/Nuts
Maximum
torque
For terminals
M 5
A 5,1 DIN 6797
Cylinder-head screw M 5
× 8 DIN 84-4.8
2
Nm
M 6
A 6,4 DIN 6797
Cylinder-head screw M 6
× 12 DIN 85-4.8 2,5 Nm
For mounting
M 12
J 12,5 DIN 6797 Hex nut BM 12 DIN 439
10
Nm
Heatsink
Thermopad
thickness
0,2 mm
0,5 mm
KAL0823-3-E



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com