Electronic Components Datasheet Search
  English  ▼

X  

STA328 Datasheet(PDF) 55 Page - STMicroelectronics

Part # STA328
Description  2.1-channel high-efficiency digital audio system
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA328 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button STA328 Datasheet HTML 49Page - STMicroelectronics STA328 Datasheet HTML 50Page - STMicroelectronics STA328 Datasheet HTML 51Page - STMicroelectronics STA328 Datasheet HTML 52Page - STMicroelectronics STA328 Datasheet HTML 53Page - STMicroelectronics STA328 Datasheet HTML 54Page - STMicroelectronics STA328 Datasheet HTML 55Page - STMicroelectronics STA328 Datasheet HTML 56Page - STMicroelectronics STA328 Datasheet HTML 57Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 57 page
background image
STA328
Package mechanical data
55/57
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 65.
PowerSO-36 slug up dimensions
Symbol
mm
inch
Min
Typ
Max
Min
Typ
Max
A
3.25
-
3.43
0.128
-
0.135
A2
3.10
-
3.20
0.122
-
0.126
A4
0.80
-
1.00
0.031
-
0.039
A5
-0.20
-
-0.008
-
a1
0.03
-
-0.04
0.001
-
-0.002
b
0.22
-
0.38
0.009
-
0.015
c
0.23
-
0.32
0.009
-
0.013
D
15.80
-
16.00
0.622
-
0.630
D1
9.40
-
9.80
0.370
-
0.386
D2
-1.00
-
-0.039
-
E
13.90
-
14.50
0.547
-
0.571
E1
10.90
-
11.10
0.429
-
0.437
E2
--2.90
--0.114
E3
5.80
-
6.20
0.228
-
0.244
E4
2.90
-
3.20
0.114
-
0.126
e
-
0.65
-
-
0.026
-
e3
-
11.05
-
-
0.435
-
G
0
-0.08
0
-0.003
H
15.50
-
15.90
0.610
-
0.626
h
--1.10
--0.043
L
0.80
-
1.10
0.031
-
0.043
M
2.25
-
2.60
0.089
-
0.102
N
-
-
10 degrees
-
-
10 degrees
R-
0.6
-
-
0.024
-
s
--8 degrees
--8 degrees



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com