Electronic Components Datasheet Search
  English  ▼

X  

NA1TR8 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # NA1TR8
Description  nanoNET TRX Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NA1TR8 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button NA1TR8 Datasheet HTML 9Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 10Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 11Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 12Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 13Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 14Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 15Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 16Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Absolute Maximum Ratings
nanoNET TRX Transceiver (NA1TR8) Datasheet
4
© 2007 Nanotron Technologies GmbH.
NA-03-0111-0239-2.09 Page 7
4
Absolute Maximum Ratings
5
Nominal Conditions
Nominal conditions are as specified below, except
otherwise specified:
+
Reference design (for measurement purposes
only) has been used. See Reference Design on
page 33.
+
Tjunct = 30° C
+
VSSA = VSSD = GND
+
VDDA = VDDD = 3.0 V
+
Transmission/reception @ 1 Mbps and up/down
chirp mode.
+
Raw data mode: no CRC, no FEC, no encryp-
tion, no bit scrambling.
+
BER = 0.001 during receive period.
+
RF output power during transmit phase = 6.3
mW (+8 dBm) EIRP measured during continu-
ous transmission.
+
All RF ports are matched according to this spec-
ification.
+
For range measurement, two identical nanoNET
systems equipped with antennae representing
1.6 dBi gain have been used. Antennae with
vertical E-polarization and omnidirectional hori-
zontal radiation pattern have been used.
+
Outdoor (open space) range measurement was
performed on flat terrain, without vegetation
higher than 0.2 m above ground, and without
visible obstacles and other objects that could
reasonably influence measurement results.
Antennae for both nanoNET systems have been
located 1.5 m above ground.
+
Indoor range measurement was performed
inside typical European office building where
both nanoNET systems were located on the
same floor.
+
All RF powers (TX output power, RX sensitivity,
etc.) are measured on the IC terminals (pins)
under impedance matched conditions.
Table 2: Absolute maximum ratings
Parameter
Valuea
a. It is critical that the ratings provided in Absolute Maximum Ratings be carefully observed. Stress exceeding
one or more of these limiting values may cause permanent damage to the device.
Units
Item
Maximum received power
-20
dBm
5.1
Temperatures
5.2
Operating temperature
(operating ambient temperature range)
+85
°C
5.3
Operating junction temperature
(operating junction temperature range in
TX mode)
+95
°C
5.4
Operating junction temperature
(operating junction temperature range in
RX mode)
+90
°C
5.5
Storage temperature
(storage temperature range)
+125
°C
5.6
Reflow solder temperature (lead-free package)
+242
°C
5.7
Total power dissipation
450
mW
5.8
Supply voltage (VDDA, VDDD)
3.6
V
5.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com