Electronic Components Datasheet Search
  English  ▼

X  

NA1TR8 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # NA1TR8
Description  nanoNET TRX Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NA1TR8 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button NA1TR8 Datasheet HTML 15Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 16Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 17Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 18Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 19Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 20Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 21Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 22Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
Electrical Specifications
nanoNET TRX Transceiver (NA1TR8) Datasheet
© 2007 Nanotron Technologies GmbH.
NA-03-0111-0239-2.09 Page 13
8
8.3
Receiver (RX) Parameters
Under nominal conditions unless specified. See Nominal Conditions on page 7.
Note: The measurement results provided in this table were reached by using CDDL. For information on the
CDDL, refer to the Complementary Dispersive Delay Line Datasheet.
Table 6: Receiver (RX) parameters
Parameter
Min
Typ
Max
Unit
Receiver sensitivity @ 1 Mbps
–
-92
–
dBm
Receiver sensitivity @ 2 Mbps
–
-86
–
dBm
Input impedance @ 2.44 GHza
a.
Simulated results.
–
7–j56
–
Ω
Type of input
–
Balanced
–
–
Center frequency
–
2441.75
–
MHz
Gain from receiver input up to input to dis-
persive delay line (CDDL)
a
–
64
–
dB
LO frequency
–
2691.75
–
MHz
LO frequency accuracy
-0.5
± 0.275
0.5
MHz
LO rejection noise PRX-LO
@ LNA input pin
–
–
-40
dBm
Programmable frequency stepb
b.
The minimum change frequency of the LO.
–
± 500
–
kHz
IF frequency (center)
–
250
–
MHz
IF frequency bandwidth (-3 dB)a
(determined by CDDL)
90
–
–
MHz
IF output impedance (balanced)
@ 250 MHza
–
100
–
Ω
Type of IF output
–
Balanced
–
–
Impedance of IF input 1 (balanced)
@ 250 MHza
–
1.6
–
k
Ω
Impedance of IF input 2 (balanced)
@ 250 MHza
–
1.6
–
k
Ω
Type of IF1, IF2 input
–
Balanced
–
–
Maximum received power
–
–
-20
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com