Electronic Components Datasheet Search
  English  ▼

X  

NA1TR8 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # NA1TR8
Description  nanoNET TRX Transceiver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NA1TR8 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button NA1TR8 Datasheet HTML 41Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 42Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 43Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 44Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 45Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 46Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 47Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 48Page - List of Unclassifed Manufacturers NA1TR8 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
Reference Design
nanoNET TRX Transceiver (NA1TR8) Datasheet
© 2007 Nanotron Technologies GmbH.
NA-03-0111-0239-2.09 Page 39
A2
A2.1
Reference Design Bill of Materials
Table 11:
Reference design bill of materials
Part
Manufacturer
Distributor
Description
Label
Value
Qty
Package
Company
Product
Number
Company
Order
Number
Resistors
R1
100k
1
0402
PHYCOMP
2322 705
70104
Farnell
195-273
R2, R4
10k
2
0402
MEGGITT
CRG0402J1
0K-10
Farnell
389-8659
RA1
2k2
1
4R_ARRAY
PHYCOMP
ARV341
-2K2-5
Farnell
325-7447
RA2
1M
1
4R_ARRAY
PHYCOMP
ARV341
-1M-5
Farnell
325-7605
RA3
100k
1
4R_ARRAY
PHYCOMP
ARV341-
100K-5
Farnell
325-7540
RA4
220R
1
4R_ARRAY
PHYCOMP
ARV341
-220R-5
Farnell
325-7381
Capacitors
C15, C16
4.7pF
2
0402
PHYCOMP
2238 869
15478
Farnell
301-9147
C21, C22
5.6pF
2
0402
Epcos
B37923K50
50C660
C11
10pF
1
0402
AVX
CM05CG10
0D50AH
Farnell
578-058
(abgek.)
C20
15pF
1
0402
Mira
8210/150
C8, C9
22pF
2
0402
PHYCOMP
2238 869
15229
Farnell
301-9184
C10, C13
27pF
2
0402
Mira
8210/270
C1, C7,
C18
100pF
3
0402
PHYCOMP
2238 869
15101
Farnell
301-9226
C12
470pF
1
0402
PHYCOMP
2238 587
15618
Farnell
301-9366
C2, C6
1nF
2
0402
PHYCOMP
2238 787
15636
Farnell
301-9380
C3
10nF
1
0402
PHYCOMP
2238 587
15623
Farnell
301-9275
C4, C5
C14, C17
C19, C23
C24, C26
C27, C28
100nF
10
0402
PHYCOMP
2238 787
19849
Farnell
301-9482
C25
10uF/10V
1
3216
AVX
TAJA106K0
10R
Farnell
197-130
Inductors
L1
4.7nH
1
0402
Würth
744784047
Würth
744784047
L2, L5
2.7nH
2
0402
Würth
744784027
Würth
744784027
L3
6.8nH
1
0402
Würth
744765068
Würth
744765068
L4
5.6nH
1
0402
Würth
744784056
Würth
744784056



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com