Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB40 Datasheet(PDF) 35 Page - ABB

Part # EPP-EB40
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB40 Datasheet(HTML) 35 Page - ABB

Back Button EPP-EB40 Datasheet HTML 31Page - ABB EPP-EB40 Datasheet HTML 32Page - ABB EPP-EB40 Datasheet HTML 33Page - ABB EPP-EB40 Datasheet HTML 34Page - ABB EPP-EB40 Datasheet HTML 35Page - ABB EPP-EB40 Datasheet HTML 36Page - ABB EPP-EB40 Datasheet HTML 37Page - ABB EPP-EB40 Datasheet HTML 38Page - ABB EPP-EB40 Datasheet HTML 39Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 75 page
background image
36
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
RCCB F 200 series AC type
Order Codes
Number
of poles
Rated
residual
current IΔn [mA]
Rated
current
in A
Order codes
2
10
16
F202 AC-16/0.01
25
F202 AC-25/0.01
30
25
F202 AC-25/0.03
40
F202 AC-40/0.03
63
F202 AC-63/0.03
80
F202 AC-80/0.03
100
F202 AC-100/0.03
100
25
F202 AC-25/0.1
40
F202 AC-40/0.1
63
F202 AC-63/0.1
80
F202 AC-80/0.1
100
F202 AC-100/0.1
300
25
F202 AC-25/0.3
40
F202 AC-40/0.3
63
F202 AC-63/0.3
80
F202 AC-80/0.3
100
F202 AC-100/0.3
500
25
F202 AC-25/0.5
40
F202 AC-40/0.5
63
F202 AC-63/0.5
80
F202 AC-80/0.5
100
F202 AC-100/0.5
—
F 200 AC type - F202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com