Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB40 Datasheet(PDF) 55 Page - ABB

Part # EPP-EB40
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB40 Datasheet(HTML) 55 Page - ABB

Back Button EPP-EB40 Datasheet HTML 51Page - ABB EPP-EB40 Datasheet HTML 52Page - ABB EPP-EB40 Datasheet HTML 53Page - ABB EPP-EB40 Datasheet HTML 54Page - ABB EPP-EB40 Datasheet HTML 55Page - ABB EPP-EB40 Datasheet HTML 56Page - ABB EPP-EB40 Datasheet HTML 57Page - ABB EPP-EB40 Datasheet HTML 58Page - ABB EPP-EB40 Datasheet HTML 59Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 75 page
background image
56
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
—
MCB
S200 80A-100A series technical features and tripping characteristics
—
Installation features
—
Tripping characteristics
Installation
S 200 80A-100A
Terminal
Failsafe bi-directional cache clamp
Cross-section of conductors (top/bottom)
solid, stranded: 50 mm2 / 50 mm2
flexible: 50 mm2 / 50 mm2
Cross-section of busbars (top/bottom)
16 mm2 / 16 mm2
Torque
3.0 Nm
Screwdriver
Nr. 2 Pozidriv
Mounting
On DIN rail 35 mm acc. to EN 60715 by fast clip
Mounting position
any
Supply
any
Dimensions and weight
Mounting dimensions acc. to DIN 43880
Mounting dimension 1
Pole dimensions (H x T x B) mm
88.8 x 69 x 17.5
Pole weight
approx. 126 g
Combination with auxiliary elements
Auxiliary contact
Yes
Signal/auxiliary contact
Yes
Shunt trip
Yes
Unervoltage release
Yes
Motor Operating Device
Yes
Data acc. to
Tripping
characteristics
Rated
current I
n
Thermal release (¹)
Electromagnetic release (²)
Currents:
conventional
non-tripping
current
I
1
Conventional
tripping current
I
2
Tripping time
Range of
instantaneous
tripping
Tripping
time
DIN EN 60898-1
B
80 up to
100 A
1.13 · I
n
1.45 · I
n
> 2 h
< 2 h
3 · I
n
5 · I
n
0.1 ... 90 s
< 0.1 s
(VDE 0641-11)
C
80 up to
100 A
1.13 · I
n
1.45 · I
n
> 2 h
< 2 h
5 · I
n
10 · I
n
0.1 ... 30 s
< 0.1 s
(¹) The thermal releases are calibrated to a nominal reference ambient temperature; for B and C the reference value is 30 °C.
In the case of higher ambient temperatures, the current values fall by approx. 6 % for each 10 K temperature rise.
(²) The indicated tripping values of electromagnetic tripping devices apply to a frequency of 50/60 Hz. The thermal release operates independent of frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com