Electronic Components Datasheet Search
  English  ▼

X  

EPP-EB40 Datasheet(PDF) 38 Page - ABB

Part # EPP-EB40
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-EB40 Datasheet(HTML) 38 Page - ABB

Back Button EPP-EB40 Datasheet HTML 34Page - ABB EPP-EB40 Datasheet HTML 35Page - ABB EPP-EB40 Datasheet HTML 36Page - ABB EPP-EB40 Datasheet HTML 37Page - ABB EPP-EB40 Datasheet HTML 38Page - ABB EPP-EB40 Datasheet HTML 39Page - ABB EPP-EB40 Datasheet HTML 40Page - ABB EPP-EB40 Datasheet HTML 41Page - ABB EPP-EB40 Datasheet HTML 42Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 75 page
background image
39
C I R CU I T MON I TOR I NG S T Y S T EM - C M S - OR DER CODE S
Description
0rder codes
80 A
CMS-120DR
40 A
CMS-121DR
20 A
CMS-122DR
—
Open core sensors Open-core sensors 18 mm for DIN rail mounting (universally usable)
Description
0rder codes
Control Unit CMS-600
CMS-600
Control Unit CMS-700
CMS-700
—
Control Units
—
Accessories
Description
0rder Codes
Cable 5m
CMS-802
Sensor connectors ( 35pcs )
CMS-820
—
Circuit Monitoring System - CMS
Order Codes
ABB's circuit monitoring system (CMS) is a unique
ultra-compact and high-performance multi-channel
measurement system for branch monitoring.
The system consists of a control unit and sensors
with different measurement ranges and mounting
possibilities.
Description
0rder codes
80 A
CMS-120PS
40 A
CMS-121PS
20 A
CMS-122PS
—
Open core sensors Open-core sensors 18 mm for Pro M & SMISSLINE installation devices with twin terminals
For more detailed information see p66.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com