Electronic Components Datasheet Search
  English  ▼

X  

EPP-KIT Datasheet(PDF) 39 Page - ABB

Part # EPP-KIT
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-KIT Datasheet(HTML) 39 Page - ABB

Back Button EPP-KIT Datasheet HTML 35Page - ABB EPP-KIT Datasheet HTML 36Page - ABB EPP-KIT Datasheet HTML 37Page - ABB EPP-KIT Datasheet HTML 38Page - ABB EPP-KIT Datasheet HTML 39Page - ABB EPP-KIT Datasheet HTML 40Page - ABB EPP-KIT Datasheet HTML 41Page - ABB EPP-KIT Datasheet HTML 42Page - ABB EPP-KIT Datasheet HTML 43Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 75 page
background image
40
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
These devices are specifically made for
commanding loads and signalling electrical
conditions in any low-voltage distribution board.
The functions of these devices are particularly
switching, pushing and signalling electrical
conditions in any installations (low-voltage area)
Main
poles
Number
of
modules
Control coil voltage
40-50 Hz
DC
Order codes
2 N.O.
2
24 V
24 V
ESB 24-20*
230...240 V
230...240 V
ESB 24-20*
4 N.O.
2
12 V
12 V
ESB 24-40*
24 V
24 V
ESB 24-40*
110...120 V
110...120 V
ESB 24-40*
230...240 V
230...240 V
ESB 24-40*
4 N.C.
2
12 V
12 V
ESB 24-04*
24 V
24 V
ESB 24-04*
110...120 V
110...120 V
ESB 24-04*
230...240 V
230...240 V
ESB 24-04*
2 N.O. 2 N.C.
2
12 V
12 V
ESB 24-22*
24 V
24 V
ESB 24-22*
110...120 V
110...120 V
ESB 24-22*
230...240 V
230...240 V
ESB 24-22*
2
12 V
12 V
ESB 24-31*
3 N.O. 1 N.C.
24 V
24 V
ESB 24-31*
110...120 V
110...120 V
ESB 24-31*
230...240 V
230...240 V
ESB 24-31*
2
12 V
12 V
ESB 24-13*
4 N.O. 3 N.C.
24 V
24 V
ESB 24-13*
110...120 V
110...120 V
ESB 24-13*
230...240 V
230...240 V
ESB 24-13*
—
ESB 24
—
ESB installation contactors
Order Codes
3
4
1
2
A1
A2
3
4
1
2
5
6
7
8
A1
A2
R3
R4
R1
R2
R5
R6
R7
R8
A1
A2
R3
R4
1
2
A1
A2
7
8
R5
R6
R3
R4
1
2
A1
A2
5
6
7
8
3
4
R1
R2
A1
A2
R5
R6
R7
R8
* Ensure voltage is selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com