Electronic Components Datasheet Search
  English  ▼

X  

EPP-KIT Datasheet(PDF) 49 Page - ABB

Part # EPP-KIT
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-KIT Datasheet(HTML) 49 Page - ABB

Back Button EPP-KIT Datasheet HTML 45Page - ABB EPP-KIT Datasheet HTML 46Page - ABB EPP-KIT Datasheet HTML 47Page - ABB EPP-KIT Datasheet HTML 48Page - ABB EPP-KIT Datasheet HTML 49Page - ABB EPP-KIT Datasheet HTML 50Page - ABB EPP-KIT Datasheet HTML 51Page - ABB EPP-KIT Datasheet HTML 52Page - ABB EPP-KIT Datasheet HTML 53Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 75 page
background image
50
PROTEC TA PLUS MCB DIS TR IBUTION B OA R D 2 5 0A
Rated operational voltage (U
n)
The rated voltage of a circuit-breaker is the value
of voltage, assigned by the manufacturer, to
which its performance (particularly the short-
circuit performance) is referred.
The same circuit-breaker may be assigned a
number of rated voltages and associated rated
short-circuit capacities.
The voltage which appears across the terminals
of a pole of a circuit-breaker after the breaking
of the current.
The value of the power frequency recovery
voltage shall be equal to 110% of the rated
voltage of the circuit-breaker under test.
IEC/EN 60947-2
This part of the IEC/EN 60947 applies to circuit-
breakers, the main contacts of which are intended
to be connected to circuits, the rated voltage of
which does not exceed 1,000 V AC or 1,500 V DC
It applies whatever the rated currents, the
method of construction or the proposed
applications of the circuit-breakers may be.
The circuit-breakers are designed for use by
instructed people.
Rated ultimate short-circuit breaking capacity Icu
The rated ultimate short-circuit breaking capacity
of a circuit-breaker is the value of ultimate short-
circuit breaking capacity assigned to that circuit-
breaker by the manufacturer for the
corresponding rated operational voltage.
It is expressed as the value of the prospective
breaking current, in kA (r.m.s. value of the AC
component in the case of AC).
The sequence of operations shall be: O – t – CO
Rated service short-circuit breaking capacity Ics
The rated service short-circuit breaking capacity
of a circuitbreaker is the value of service short-
circuit breaking capacity assigned to that circuit-
breaker by the manufacturer for the
corresponding rated operational voltage. It is
expressed as a value of prospective breaking
current, in kA, corresponding to one of the
specified percentages of the rated ultimate
—
MCBs technical details
Definitions according to standards for
miniature circuit breakers
Rated insulation voltage (U
i) according
IEC/EN 60664-1:
Root mean square (R.M.S.) withstand voltage
value assigned by the manufacturer to the
equipment or to a part of it, characterizing the
specified (long-term) withstand capability of its
insulation.
—
The rated insulation voltage is not
necessarily equal to the rated
voltage of the equipment which is
primarily related to functional
performance.
IEC/EN 60898-1
Miniature Circuit Breakers according IEC/EN
60898-1 are intended for the protection against
over-currents of wiring installations in buildings
and similar applications; they are designed for
use by uninstructed people and for not
being maintained.
This part of IEC/EN 60898 applies for a.c. air-
break circuit-breakers for operation at 50 Hz or
60 Hz, having a rated voltage not exceeding 440 V
(between phases), a rated current not exceeding
125 A and a rated short-circuit capacity not
exceeding 25,000 A. As far as possible, it is in line
with the requirements contained in
IEC/EN 60947-2.
Rated short-circuit capacity (Icn)
The rated short-circuit capacity of a circuit-
breaker is the value of the ultimate short-circuit
breaking capacity assigned to that circuit-
breaker by the manufacturer.
The sequence of operations shall be: O – t – CO
Service short-circuit capacity (Ics)
A circuit-breaker having a given rated short-
circuit capacity has a corresponding fixed service
short-circuit capacity (Ics).
This is therefore generally not indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com