Electronic Components Datasheet Search
  English  ▼

X  

EPP-KIT Datasheet(PDF) 11 Page - ABB

Part # EPP-KIT
Description  Protecta Plus MCB distribution board 250A Edition 1
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

EPP-KIT Datasheet(HTML) 11 Page - ABB

Back Button EPP-KIT Datasheet HTML 7Page - ABB EPP-KIT Datasheet HTML 8Page - ABB EPP-KIT Datasheet HTML 9Page - ABB EPP-KIT Datasheet HTML 10Page - ABB EPP-KIT Datasheet HTML 11Page - ABB EPP-KIT Datasheet HTML 12Page - ABB EPP-KIT Datasheet HTML 13Page - ABB EPP-KIT Datasheet HTML 14Page - ABB EPP-KIT Datasheet HTML 15Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
Contact position indication
All System pro M compact® MCBs are equipped with a con-
tact position indication (CPI) on the toggle. You can easily
identify, if the MCB is in the ON or OFF position – easy and
safe maintenance work is possible.
Locking device for MCBs and RCBOs
Preventing unauthorised or dangerous operation of the
operating lever. An adaptor makes it possible to block the
operating lever whether switched ON or OFF. The lever is
blocked with a padlock having a cross bar section of 3 mm
or, as the case may be, 6 mm max. For multi-pole devices,
one lock may be fitted per pole.
IP 20 - finger safe terminals
The System pro M compact® MCBs are equiped with
35 mm² + 10 mm² cylinder lift twin terminals, a well proven
and reliable technology - designed for sopisticated
industrial use.
Approvals printed on the dome
S 200 MCBs comply with IEC/EN 60898-1 and IEC/EN
60947-2 , as well as carrying the relevant approval marks for
the markets they are designed for. Certification markings
are printed on the dome of the MCB, making it possible to
see the markings when mounted.
11
K E Y M O D U L A R CO M P O N EN T S - M C B S 2 0 0 – S TAT E- O F -T H E- A R T S A FE T Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com