Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 9 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 9 Page - Dallas Semiconductor

Back Button DS18B20Z Datasheet HTML 5Page - Dallas Semiconductor DS18B20Z Datasheet HTML 6Page - Dallas Semiconductor DS18B20Z Datasheet HTML 7Page - Dallas Semiconductor DS18B20Z Datasheet HTML 8Page - Dallas Semiconductor DS18B20Z Datasheet HTML 9Page - Dallas Semiconductor DS18B20Z Datasheet HTML 10Page - Dallas Semiconductor DS18B20Z Datasheet HTML 11Page - Dallas Semiconductor DS18B20Z Datasheet HTML 12Page - Dallas Semiconductor DS18B20Z Datasheet HTML 13Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
DS18B20
9 of 22
is available in Application Note 27: Understanding and Using Cyclic Redundancy Checks with Maxim
iButton Products.
Figure 9. CRC Generator
1-WIRE BUS SYSTEM
The 1-Wire bus system uses a single bus master to control one or more slave devices. The DS18B20 is
always a slave. When there is only one slave on the bus, the system is referred to as a “single-drop”
system; the system is “multidrop” if there are multiple slaves on the bus.
All data and commands are transmitted least significant bit first over the 1-Wire bus.
The following discussion of the 1-Wire bus system is broken down into three topics: hardware
configuration, transaction sequence, and 1-Wire signaling (signal types and timing).
HARDWARE CONFIGURATION
The 1-Wire bus has by definition only a single data line. Each device (master or slave) interfaces to the
data line via an open-drain or 3-state port. This allows each device to “release” the data line when the
device is not transmitting data so the bus is available for use by another device. The 1-Wire port of the
DS18B20 (the DQ pin) is open drain with an internal circuit equivalent to that shown in Figure 10.
The 1-Wire bus requires an external pullup resistor of approximately 5k
Ω; thus, the idle state for the
1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus MUST be left in the idle
state if the transaction is to resume. Infinite recovery time can occur between bits so long as the 1-Wire
bus is in the inactive (high) state during the recovery period. If the bus is held low for more than 480
μs,
all components on the bus will be reset.
Figure 10. Hardware Configuration
(MSB)
(LSB)
XOR
XOR
XOR
INPUT
VPU
4.7k
5μA
TYP
Rx
Tx
DS18B20 1-Wire PORT
100
Ω
MOSFET
TX
Rx
Rx = RECEIVE
Tx = TRANSMIT
1-Wire BUS
DQ
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com