Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS18B20Z Datasheet HTML 1Page - Dallas Semiconductor DS18B20Z Datasheet HTML 2Page - Dallas Semiconductor DS18B20Z Datasheet HTML 3Page - Dallas Semiconductor DS18B20Z Datasheet HTML 4Page - Dallas Semiconductor DS18B20Z Datasheet HTML 5Page - Dallas Semiconductor DS18B20Z Datasheet HTML 6Page - Dallas Semiconductor DS18B20Z Datasheet HTML 7Page - Dallas Semiconductor DS18B20Z Datasheet HTML 8Page - Dallas Semiconductor DS18B20Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1 of 22
REV: 042208
FEATURES
Unique 1-Wire
® Interface Requires Only One
Port Pin for Communication
Each Device has a Unique 64-Bit Serial Code
Stored in an On-Board ROM
Multidrop Capability Simplifies Distributed
Temperature-Sensing Applications
Requires No External Components
Can Be Powered from Data Line; Power Supply
Range is 3.0V to 5.5V
Measures Temperatures from -55°C to +125°C
(-67°F to +257°F)
±0.5°C Accuracy from -10°C to +85°C
Thermometer Resolution is User Selectable
from 9 to 12 Bits
Converts Temperature to 12-Bit Digital Word in
750ms (Max)
User-Definable Nonvolatile (NV) Alarm
Settings
Alarm Search Command Identifies and
Addresses Devices Whose Temperature is
Outside Programmed Limits (Temperature
Alarm Condition)
Available in 8-Pin SO (150 mils), 8-Pin
μSOP,
and 3-Pin TO-92 Packages
Software Compatible with the DS1822
Applications Include Thermostatic Controls,
Industrial Systems, Consumer Products,
Thermometers, or Any Thermally Sensitive
System
PIN CONFIGURATIONS
DESCRIPTION
The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an
alarm function with nonvolatile user-programmable upper and lower trigger points. The DS18B20
communicates over a 1-Wire bus that by definition requires only one data line (and ground) for
communication with a central microprocessor. It has an operating temperature range of -55°C to +125°C
and is accurate to
±0.5°C over the range of -10°C to +85°C. In addition, the DS18B20 can derive power
directly from the data line (“parasite power”), eliminating the need for an external power supply.
Each DS18B20 has a unique 64-bit serial code, which allows multiple DS18B20s to function on the same
1-Wire bus. Thus, it is simple to use one microprocessor to control many DS18B20s distributed over a
large area. Applications that can benefit from this feature include HVAC environmental controls,
temperature monitoring systems inside buildings, equipment, or machinery, and process monitoring and
control systems.
DS18B20
Programmable Resolution
1-Wire Digital Thermometer
www.maxim-ic.com
1-Wire is a registered trademark of Maxim Integrated Products, Inc.
TO-92
(DS18B20)
1
(BOTTOM VIEW)
2
3
DALLAS
18B20
1
2 3
SO (150 mils)
(DS18B20Z)
N.C.
N.C.
N.C.
N.C.
GND
DQ
VDD
N.C.
6
8
7
5
3
1
2
4
N.C.
VDD
N.C.
N.C.
N.C.
GND
N.C.
DQ
6
8
7
5
3
1
2
4
μSOP
(DS18B20U)


Similar Part No. - DS18B20Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS18B20Z DALLAS-DS18B20Z Datasheet
391Kb / 27P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20Z MAXIM-DS18B20Z Datasheet
322Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
2008
logo
Guangdong Youtai Semico...
DS18B20Z UMW-DS18B20Z Datasheet
3Mb / 25P
The DS18B20 digital thermometer provides 9-bit to 12-bit Celsius temperature measurements and has an alarm function with nonvolatile user- programmable upper and lower trigger points.
logo
EVER SEMICONDUCTOR CO.,...
DS18B20Z EVVOSEMI-DS18B20Z Datasheet
2Mb / 25P
MOSFET
Rev:2023A2
logo
Maxim Integrated Produc...
DS18B20Z+.. MAXIM-DS18B20Z+.. Datasheet
322Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
2008
More results

Similar Description - DS18B20Z

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS18B20 DALLAS-DS18B20 Datasheet
391Kb / 27P
Programmable Resolution 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1825 MAXIM-DS1825 Datasheet
286Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer With 4-Bit ID
Rev 020105
logo
Dallas Semiconductor
DS18B20 DALLAS-DS18B20_07 Datasheet
223Kb / 21P
Programmable Resolution 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20 MAXIM-DS18B20 Datasheet
396Kb / 20P
Programmable Resolution 1-Wire Digital Thermometer
Rev 6; 7/19
DS18B20 MAXIM-DS18B20_V01 Datasheet
322Kb / 22P
Programmable Resolution 1-Wire Digital Thermometer
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com