Electronic Components Datasheet Search
  English  ▼

X  

DS18B20Z Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS18B20Z
Description  Programmable Resolution 1-Wire Digital Thermometer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS18B20Z Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS18B20Z Datasheet HTML 1Page - Dallas Semiconductor DS18B20Z Datasheet HTML 2Page - Dallas Semiconductor DS18B20Z Datasheet HTML 3Page - Dallas Semiconductor DS18B20Z Datasheet HTML 4Page - Dallas Semiconductor DS18B20Z Datasheet HTML 5Page - Dallas Semiconductor DS18B20Z Datasheet HTML 6Page - Dallas Semiconductor DS18B20Z Datasheet HTML 7Page - Dallas Semiconductor DS18B20Z Datasheet HTML 8Page - Dallas Semiconductor DS18B20Z Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DS18B20
4 of 22
Figure 2. Temperature Register Format
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
LS BYTE
2
3
2
2
2
1
2
0
2
-1
2
-2
2
-3
2
-4
BIT 15
BIT 14
BIT 13
BIT 12
BIT 11
BIT 10
BIT 9
BIT 8
MS BYTE
S
S
S
S
S
2
6
2
5
2
4
S = SIGN
Table 1. Temperature/Data Relationship
TEMPERATURE (
°C)
DIGITAL OUTPUT
(BINARY)
DIGITAL OUTPUT
(HEX)
+125
0000 0111 1101 0000
07D0h
+85*
0000 0101 0101 0000
0550h
+25.0625
0000 0001 1001 0001
0191h
+10.125
0000 0000 1010 0010
00A2h
+0.5
0000 0000 0000 1000
0008h
0
0000 0000 0000 0000
0000h
-0.5
1111 1111 1111 1000
FFF8h
-10.125
1111 1111 0101 1110
FF5Eh
-25.0625
1111 1110 0110 1111
FE6Fh
-55
1111 1100 1001 0000
FC90h
*The power-on reset value of the temperature register is +85°C.
OPERATION—ALARM SIGNALING
After the DS18B20 performs a temperature conversion, the temperature value is compared to the user-
defined two’s complement alarm trigger values stored in the 1-byte TH and TL registers (see Figure 3).
The sign bit (S) indicates if the value is positive or negative: for positive numbers S = 0 and for negative
numbers S = 1. The TH and TL registers are nonvolatile (EEPROM) so they will retain data when the
device is powered down. TH and TL can be accessed through bytes 2 and 3 of the scratchpad as explained
in the Memory section.
Figure 3. TH and TL Register Format
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
S
2
6
2
5
2
5
2
5
2
2
2
1
2
0
Only bits 11 through 4 of the temperature register are used in the TH and TL comparison since TH and TL
are 8-bit registers. If the measured temperature is lower than or equal to TL or higher than or equal to TH,
an alarm condition exists and an alarm flag is set inside the DS18B20. This flag is updated after every
temperature measurement; therefore, if the alarm condition goes away, the flag will be turned off after the
next temperature conversion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com