Electronic Components Datasheet Search
  English  ▼

X  

MPC8313E Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
Freescale Semiconductor
61
Package and Pin Listings
QUIESCE
F5
O
NVDD
—
System Control
HRESET
F2
IO
NVDD
1
PORESET
F3
I
NVDD
—
SRESET
F1
I
NVDD
—
Clocks
SYS_CR_CLK_IN
U26
I
NVDD
—
SYS_CR_CLK_OUT
U25
O
NVDD
—
SYS_CLK_IN
U23
I
NVDD
—
USB_CR_CLK_IN
T26
I
NVDD
—
USB_CR_CLK_OUT
R26
O
NVDD
—
USB_CLK_IN
T22
I
NVDD
—
PCI_SYNC_OUT
U24
O
NVDD
3
RTC_PIT_CLOCK
R22
I
NVDD
—
PCI_SYNC_IN
T24
I
NVDD
—
MISC
THERM0
N1
I
NVDD
7
THERM1
N3
I
NVDD
7
PCI
PCI_INTA
AF7
O
NVDD
—
PCI_RESET_OUT
AB11
O
NVDD
—
PCI_AD[0]
AB20
IO
NVDD
—
PCI_AD[1]
AF23
IO
NVDD
—
PCI_AD[2]
AF22
IO
NVDD
—
PCI_AD[3]
AB19
IO
NVDD
—
PCI_AD[4]
AE22
IO
NVDD
—
PCI_AD[5]
AF21
IO
NVDD
—
PCI_AD[6]
AD19
IO
NVDD
—
PCI_AD[7]
AD20
IO
NVDD
—
PCI_AD[8]
AC18
IO
NVDD
—
PCI_AD[9]
AD18
IO
NVDD
—
PCI_AD[10]
AB18
IO
NVDD
—
PCI_AD[11]
AE19
IO
NVDD
—
Table 60. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com