Electronic Components Datasheet Search
  English  ▼

X  

MPC8313E Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MPC8313E
Description  PowerQUICC??II Pro Processor Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8313E Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MPC8313E Datasheet HTML 62Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 63Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 64Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 65Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8313E Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
MPC8313E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 1
66
Freescale Semiconductor
Package and Pin Listings
LVDD
D24,D25,G23,H23,R23,
T23,W25,Y25,
AA22,AC23
Power for
local bus
(3.3 V)
——
LVDDA
W2,Y2
Power for
eTSEC2
(2.5 V, 3.3 V)
——
LVDDB
AC8,AC9,AE4,AE5
Power for
eTSEC1
/USB DR
(2.5 V, 3.3 V)
——
MVREF
C14,D14
Reference
voltage signal
for DDR
——
NVDD
G4,H4,L2,M2,AC16,
AC17,AD25,AD26,AE12,
AE13,AE20,AE21,AE24,
AE25,AE26,AF24,
AF25
Standard I/O
voltage
(3.3 V)
——
VDD
K11,K12,K13,K14,K15,K
16,L10,L17,M10,M17,
N10,N17,U12,U13, ,
Power for
core (1.0 V)
——
VDDC
F6,F10,F19,K6,K10,K17,
K21,P6,P10,P17,R10,
R17,T10,T17,U10,U11,
U14,U15,U16,U17,W6,
W21,AA6,AA10,AA14,
AA19
Internal core
logic constant
power (1.0 V)
——
Table 60. MPC8313E TEPBGAII Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com