Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 121 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 121 Page - ABB

Back Button OPB2 Datasheet HTML 117Page - ABB OPB2 Datasheet HTML 118Page - ABB OPB2 Datasheet HTML 119Page - ABB OPB2 Datasheet HTML 120Page - ABB OPB2 Datasheet HTML 121Page - ABB OPB2 Datasheet HTML 122Page - ABB OPB2 Datasheet HTML 123Page - ABB OPB2 Datasheet HTML 124Page - ABB OPB2 Datasheet HTML 125Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for handles
Pistol handles for base and DIN-rail mounted switches
IP65, NEMA 1, 3R, 12, padlockable with three padlocks in OFF-position,
door interlock in ON-position. Screw fixing from the back side of the handle.
No screws on the front ensures double insulation.
Suitable
for switches
Colour
Handle
length
Indication
Type
Order code
Weight/
unit
mm
kg
Suitable for shaft diameter 6 mm
OT160EV...250E,
OT200U
Black
65
I-0, ON-OFF
OHB65J6
1SCA022380R9660
0.12
Black
65
I-0, ON-OFF
OHB65J6E20
1SCA022459R4220
0.12
Red-
yellow
65
I-0, ON-OFF
OHY65J6
1SCA022380R9820
0.12
Red-
yellow
65
I-0, ON-OFF
OHY65J6E20
1SCA022501R4700
0.12
Grey
65
I-0
OHG65J6
1SCA022380R9740
0.12
Black
80
I-0, ON-OFF
OHB80J6
1SCA022381R0240
0.14
Red-
yellow
80
I-0, ON-OFF
OHY80J6
1SCA022381R0410
0.14
Grey
80
I-0
OHG80J6
1SCA022381R0320
0.14
Black
65
Test-OFF-ON/
Test-0-I
OHB65J6T
1SCA022399R8110
0.12
Red-
yellow
65
Test-OFF-ON/
Test-0-I
OHY65J6T
1SCA022456R9540
0.12
Suitable for shaft diameter 12 mm
OT315...400E,
OT400U
Black
95
I-0, ON-OFF
OHB95J12
1SCA022381R0830
0.16
Black
95
I-0, ON-OFF
OHB95J12E20
1SCA022833R3750
0.16
Red-
yellow
95
I-0, ON-OFF
OHY95J12
1SCA022381R1050
0.16
Grey
95
I-0
OHG95J12
1SCA022381R0910
0.16
Black
95
Test-OFF-ON/
Test-0-I
OHB95J12T
1SCA022736R1750
0.16
Red-
yellow
95
Test-OFF-ON/
Test-0-I
OHY95J12T
1SCA022736R1910
0.16
OT630...800E,
OT600U
Black
125
I-0, ON-OFF
OHB125J12
1SCA022381R1560
0.17
Black
125
I-0, ON-OFF
OHB125J12E20 1SCA022382R9770
0.17
Red-
yellow
125
I-0, ON-OFF
OHY125J12
1SCA022381R1720
0.17
Red-
yellow
125
I-0, ON-OFF
OHY125J12E20 1SCA022501R5000
0.17
Grey
125
I-0
OHG125J12
1SCA022381R1640
0.17
Black
145
I-0, ON-OFF
OHB145J12
1SCA022381R2110
0.17
Red-
yellow
145
I-0, ON-OFF
OHY145J12
1SCA022381R2370
0.17
Grey
145
I-0
OHG145J12
1SCA022381R2290
0.17
Black
125
Test-OFF-ON/
Test-0-I
OHB125J12T
1SCA022652R2220
0.17
- Door interlocking in ON-position means that the door can not be opened, when the handle is in ON-position.
The door interlocking can be defeated in IP65 types to allow authorized personnel access for inspection.
The door is interlocked when the non-defeatable handle is padlocked.
- Consult us for NEMA4/4X versions.
- E20 Handles padlockable in ON and OFF positions.
OHY_
OHB_
OHG125J12
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
121
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com