Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 124 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 124 Page - ABB

Back Button OPB2 Datasheet HTML 120Page - ABB OPB2 Datasheet HTML 121Page - ABB OPB2 Datasheet HTML 122Page - ABB OPB2 Datasheet HTML 123Page - ABB OPB2 Datasheet HTML 124Page - ABB OPB2 Datasheet HTML 125Page - ABB OPB2 Datasheet HTML 126Page - ABB OPB2 Datasheet HTML 127Page - ABB OPB2 Datasheet HTML 128Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 192 page
background image
Handles for side operated switch-disconnectors
IP65, Nema type 1, 3R, 12. Plastic handles. For mounting on the side of the enclosure.
Padlockable with three padlocks in the OFF-position, door interlock in the ON-position
when the handle is mounted on the door. The position indications are rotated 90°.
Colour
Handle
length
Indication
Type
Order code
Weight/
unit
mm
kg
Suitable for shaft diameter 6 mm
Black
65
I-O/ON-OFF
OHB65J6E00S
1SCA022382R9850
0.12
Red-yellow
65
I-O/ON-OFF
OHY65J6E00S
1SCA022382R9930
0.12
Grey
65
I-O
OHG65J6E00S
1SCA022383R4510
0.12
Black
65
Test/I-O/ON-OFF
OHB65J6TE00S 1SCA109016R1001
0.12
Red-yellow
65
Test/I-O/ON-OFF
OHY65J6TE00S
1SCA022688R0140
0.12
Grey
65
Test/I-O
OHG65J6TE00S 1SCA109014R1001
0.12
Suitable for shaft diameter 12 mm
Black
145
I-O/ON-OFF
OHB145J12E00S 1SCA022679R9700
0.17
- Door interlocking in ON-position means that the door on which the handle is mounted can not be opened,
when the handle is in ON-position.The door interlocking can be defeated to allow authorized personnel access for inspection.
The door is interlocked when the non-defeatable handle is padlocked.
OHB65J6E00S
OHY65J6E00S
—
Accessories for manual switch-disconnectors OT160...4000
Dimensional drawings for handles
124
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
124
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com