Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 122 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 122 Page - ABB

Back Button OPB2 Datasheet HTML 118Page - ABB OPB2 Datasheet HTML 119Page - ABB OPB2 Datasheet HTML 120Page - ABB OPB2 Datasheet HTML 121Page - ABB OPB2 Datasheet HTML 122Page - ABB OPB2 Datasheet HTML 123Page - ABB OPB2 Datasheet HTML 124Page - ABB OPB2 Datasheet HTML 125Page - ABB OPB2 Datasheet HTML 126Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for handles
—
Pistol handles
Padlockable with three padlocks in OFF-position, door interlock in ON-position. Screw
fixing from the back side of the handle. No screws on the front ensures double insulation.
Suitable
for switches
Colour
Handle
length
Indication
Type
Order code
Weight/
unit
mm
kg
Suitable for shaft diameter 12 mm
IP65, NEMA 1, 3R, 12, double grip
OT1000...2500E,
OT800...1200U
Black
2x150
I-0, ON-OFF
OHB150J12P
1SCA022865R9430
0.17
Black
2x150
I-0, ON-OFF
OHB150J12PE20 1SCA157054R1001
0.17
Red-yellow 2x150
I-0, ON-OFF
OHY150J12P
1SCA101586R1001
0.17
Black
2x200
I-0, ON-OFF
OHB200J12P
1SCA022865R9510
0.40
Black
2x200
I-0, ON-OFF
OHB200J12PE20 1SCA106288R1001
0.40
Red-yellow 2x200
I-0, ON-OFF
OHY200J12P
1SCA101587R1001
0.40
Black
2x200
Test-OFF-ON/
Test-0-I
OHB200J12PT
1SCA106510R1001
0.40
Red-yellow 2x200
Test-OFF-ON/
Test-0-I
OHY200J12PT
1SCA111512R1001
0.04
NEMA 4X, double grip
OT1000...2500E,
OT800...1200U
Black
2x200
I-0, ON-OFF
OHB200L12P
1SCA111564R1001
0.40
P65, NEMA 1, 3R, 12
OT1000…
4000E,
OT800...2000U
Black
274
I-0, ON-OFF
OHB274J12
1SCA115920R1001
0.54
Black
274
I-0, ON-OFF
OHB274J12PE20 1SCA120919R1001
0.54
Red-yellow 274
I-0, ON-OFF
OHY274J12
1SCA115919R1001
0.54
Black
330
I-0, ON-OFF
OHB330J12
1SCA115922R1001
0.58
Red-yellow 330
I-0, ON-OFF
OHY330J12
1SCA115921R1001
0.58
Black
274
Test-OFF-ON/
Test-0-I
OHB274J12T
1SCA120250R1001
0.54
Black
330
Test-OFF-ON/
Test-0-I
OHB330J12T
1SCA120252R1001
0.58
- Door interlocking in ON-position means that the door can not be opened, when the handle is in ON-position.
The door interlocking can be defeated in IP65 types to allow authorized personnel access for inspection.
The door is interlocked when the non-defeatable handle is padlocked.
- NEMA 4, 4x pistol handles available on request.
- E20 Handles padlockable in ON and OFF positions.
—
Stainless steel pistol handles
IP66 (NEMA 4X). Material: AISI 316. Padlockable with 3 padlocks in the OFF-position,
door interlock in the ON-position.
Colour
Handle
length
Indication
Type
Order code
Weight/
unit
mm
kg
Suitable for shaft diameter 6 mm
Grey
65
I-O/ON-OFF
OHM65L6
1SCA022739R1070
0.73
Suitable for shaft diameter 12 mm
Grey
125
I-O/ON-OFF
OHM125L12
1SCA022739R1150
0.76
Grey
175
I-O/ON-OFF
OHM175L12
1SCA022739R1230
0.83
Grey
275
I-O/ON-OFF
OHM275L12
1SCA022832R4840
0.96
Grey
2x200
I-O/ON-OFF
OHM200L12P 1SCA104439R1001
2.00
-Door interlocking in ON-position means that the door can not be opened, when the handle is in ON-position.
The door interlocking can be defeated in IP65 types to allow authorized personnel access for inspection.
The door is interlocked when the non-defeatable handle is padlocked.
OHB150/200J12P
OHB274/330J12
OHY200J12P
OHY175J12
OHM65L6
OHM200L12P
122
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
122
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com