Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 131 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 131 Page - ABB

Back Button OPB2 Datasheet HTML 127Page - ABB OPB2 Datasheet HTML 128Page - ABB OPB2 Datasheet HTML 129Page - ABB OPB2 Datasheet HTML 130Page - ABB OPB2 Datasheet HTML 131Page - ABB OPB2 Datasheet HTML 132Page - ABB OPB2 Datasheet HTML 133Page - ABB OPB2 Datasheet HTML 134Page - ABB OPB2 Datasheet HTML 135Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 192 page
background image
—
Accessories for manual switch-disconnectors OT160...4000
Technical data for auxiliary contacts
For OA1G_, OA3G_
AC15
DC12
DC13
Ue
Ie
Ue
Ie
P
Ie
P
VAC
A
VDC
A
W
A
W
230
6
24
10
240
2
50
400
4
72
4
290
0.8
60
415
4
125
2
250
0.55
70
690
2
250
0.55
140
0.27
70
440
0.1
44
For OA1G_, OA3G_
Ui
690 V
Uimp
4 kV
Pollution degree
3
Ith
16 A
Cable size
1...2 x 0.75...2.5 mm²
Maximum fuse
16 A / gG
NEMA
A600, R300, wire size: 18 - 14 AWG, 1(2)
Performance data of auxiliary contacts according to IEC 60947-5-1
Handle indications and functions
• The handle indicates the position of the main contacts of
the switch with complete reliability in all situations.
If the contacts are welded together, the handle
does not reach the OFF-position but remains
between ON and OFF, maintaining the door
interlock and preventing padlocking.
• When operating the switch to the Test-position
with a test handle, the test auxiliary contacts change posi-
tion. The main contacts remain open.
OFF
Test
ON
Handle position
Main contacts
Aux./Test contacts N.O.
Test indication contact N.O.
Test
open
closed
closed
0
open
open
open
I
closed
closed
open
Function table of auxiliary contacts
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
131
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
131



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com