Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 135 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 135 Page - ABB

Back Button OPB2 Datasheet HTML 131Page - ABB OPB2 Datasheet HTML 132Page - ABB OPB2 Datasheet HTML 133Page - ABB OPB2 Datasheet HTML 134Page - ABB OPB2 Datasheet HTML 135Page - ABB OPB2 Datasheet HTML 136Page - ABB OPB2 Datasheet HTML 137Page - ABB OPB2 Datasheet HTML 138Page - ABB OPB2 Datasheet HTML 139Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 192 page
background image
—
Phase separators
Grey plastic plate for maintaining 1 in/25.44 mm clearance between the phases
without terminal shrouds. Snap-on mounting.
Suitable for switches
Type
Order code
Units/
type
Weight/
type
pcs
kg
OT600U, OT630...800E, 3- and 4-pole
OTB800/6
1SCA022821R7760
6
0.35
OT1000…2500, 3- and 4-pole
OTB1600/6
1SCA100768R1001
6
0.50
OT3200...4000, 3- and 4-pole
OTB4000/6
1SCA129040R1001
6
0.80
OT1600...2000U, 3- and 4-pole
OTB1600/6C
1SCA104661R1001
12
0.74
—
Phase barriers
The phase barriers designed for ABB Tmax T4-T5 MCCB’s can also be used for
OT200...800 switch disconnectors. 3-pole switch disconnectors need 4 barriers
and 4-pole switch disconnectors need 6 barriers for full protection.
Suitable
for switches
Number
of poles
Height
Cutting
width
w of the
phase
barrier
Type
Order code
Units/
type
Weight/
type
mm
mm
pcs
kg
OT160EV…250
3
100
55
PB100 low
1SDA054970R1
4
3
200
55
PB200 high
1SDA054972R1
4
4
100
55
PB100 low
1SDA054971R1
6
4
200
55
PB200 high
1SDA054973R1
6
OT315…400
3
100
67
PB100 low
1SDA054970R1
4
3
200
67
PB200 high
1SDA054972R1
4
4
100
67
PB100 low
1SDA054971R1
6
4
200
67
PB200 high
1SDA054973R1
6
OT600…800
3
100
90
PB100 low
1SDA054970R1
4
3
200
90
PB200 high
1SDA054972R1
4
4
100
90
PB100 low
1SDA054971R1
6
4
200
90
PB200 high
1SDA054973R1
6
—
DIN-rail mounting kit
For mounting a switch fuse into 35 mm DIN-rail
Suitable for switches
Type
Order code
Units/
type
Weight/
type
pcs
kg
OT160EV...250E
OSGZD1
1SCA115688R1001
1
0.20
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for mounting accessories
OTB_
OSGZD1
PB200 high
PB100 low
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
135
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com