Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 134 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 134 Page - ABB

Back Button OPB2 Datasheet HTML 130Page - ABB OPB2 Datasheet HTML 131Page - ABB OPB2 Datasheet HTML 132Page - ABB OPB2 Datasheet HTML 133Page - ABB OPB2 Datasheet HTML 134Page - ABB OPB2 Datasheet HTML 135Page - ABB OPB2 Datasheet HTML 136Page - ABB OPB2 Datasheet HTML 137Page - ABB OPB2 Datasheet HTML 138Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 192 page
background image
OTS4000G1S/4
OTS4000G1S/3
OTS2500G1S
OTS2500G1L
OTS400G1S
OTS800G1S
OTS1600G1L
OTS1600G1S
—
Terminal shrouds for OT switches, snap-on mounting, grey
Pack of single pole shrouds, IP3X. Transparent shrouds available on request.
Suitable for
switches
Dimension
Height
Type
Order code
Units/type
Weight/
type
mm
pcs
kg
For 3-pole OT switches
OT160EV...250E,
OT200U
83
OTS250G1L/3 *)
1SCA022731R8150
3
0.09
35.5
OTS250G1S/3 *)
1SCA022731R8310
3
0.06
OT315...400E,
OT400U
51.5
OTS400G1S/3 *)
1SCA022736R9060
3
0.15
126
OTS400G1L/3 *)
1SCA022736R8840
3
0.09
OT630...800E,
OT600U
138.6
OTS800G1L/3 *)
1SCA022776R7890
3
0.32
61.5
OTS800G1S/3 *)
1SCA022776R8190
3
0.17
OT1000...1600E,
OT800...1200U
158.5
OTS1600G1L/3 *)
1SCA022871R9510
3
0.60
96.9
OTS1600G1S/3 *)
1SCA022871R9600
3
0.40
OT2000…2500E
168
OTS2500G1L/3 *)
1SCA107261R1001
3
1.00
107.5
OTS2500G1S/3 *)
1SCA107260R1001
3
0.50
OT3200...4000E
233
OTS4000G1L/3 *)
1SCA129042R1001
3
1.20
156.5
OTS4000G1S/3 *)
1SCA129044R1001
3
1.00
For 4-pole OT switches
OT160EV...250E,
OT200U
83
OTS250G1L/4 *)
1SCA022731R8230
4
0.12
35.5
OTS250G1S/4 *)
1SCA022731R8400
4
0.08
OT315...400E,
OT400U
51.5
OTS400G1S/4 *)
1SCA022736R9650
4
0.20
126
OTS400G1L/4 *)
1SCA022736R9490
4
0.12
OT630...800E,
OT600U
138.6
OTS800G1L/4 *)
1SCA022776R7970
4
0.42
61.5
OTS800G1S/4 *)
1SCA022776R8270
4
0.26
OT1000...1600E,
OT800...1200U
158.5
OTS1600G1L/4 *)
1SCA022871R9780
4
0.80
96.9
OTS1600G1S/4 *)
1SCA022871R9860
4
0.50
OT2000…2500E
168
OTS2500G1L/4 *)
1SCA107262R1001
4
1.30
107.5
OTS2500G1S/4 *)
1SCA107271R1001
4
0.70
OT3200...4000E
233
OTS4000G1L/4 *)
1SCA129043R1001
4
1.40
156.5
OTS4000G1S/4 *)
1SCA129045R1001
4
1.60
*) L= long type, S= short type
—
Shrouds for terminal clamps
Snap-on mounting, transparent plastic, IP2X.
Suitable for terminal
clamps
Type
Order code
Units/
type
Weight/
unit
pcs
kg
OZXB2, 2L
OZXB2K
1SCA022264R0010
3
0.05
OZXB3, 4
OZXB3K
1SCA022264R0440
3
0.20
OZXB5, 6
OZXB4K
1SCA022199R2850
3
0.24
OZXB7, 7L
OZXB5K
1SCA022283R8040
3
0.13
—
Accessories for manual switch-disconnectors OT160...4000
Ordering information for terminal shrouds
134
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
134
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com