Electronic Components Datasheet Search
  English  ▼

X  

PSC Datasheet(PDF) 4 Page - Clarke International

Part # PSC
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PSC Datasheet(HTML) 4 Page - Clarke International

  PSC Datasheet HTML 1Page - Clarke International PSC Datasheet HTML 2Page - Clarke International PSC Datasheet HTML 3Page - Clarke International PSC Datasheet HTML 4Page - Clarke International PSC Datasheet HTML 5Page - Clarke International PSC Datasheet HTML 6Page - Clarke International PSC Datasheet HTML 7Page - Clarke International PSC Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPECIFICATIONS
Part No :....................................
3090060
Vessel Capacity :....................
750ml
Air Consumption :....................
5.5cfm
Air Inlet Connector :...............
¼” BSP
Nozzle :......................................
1.2mm
Fluid Connector:.....................
¼”BSP
Please note that the details and specifications contained herein are correct at the time of going to
print. However CLARKE International reserve the right to change specifications at any time without
prior notice.
PSC SPRAY GUNS
Spray guns with external paint mix and 750ml syphon cup for cellulose, enamels,
polyurethane, acrylics, metallics and all similar viscosity finishes
PSC
PARTS LIST
No
DESCRIPTION
PART NUMBER
Qty
- 3 -
- 12 -
SPECIFICATIONS
Guarantee
2
Safety Precautions
4
General Arrangement
5
Air Supply
5
Using The Spraygun
6
Maintenance
7
Paint Spraying Hints
8 / 9
Parts List
11 / 12
CONTENTS
page
1
Air Cap Ass’y
NSPSC101
1
2
Fluid Nozzle
NSPSC102
1
3
Packing (1)
NSPSC103
1
4
Trigger Bearing Screw
NSPSC104
1
5
Trigger
NSPSC105
1
6
Trigger Bearing Stud
NSPSC106
1
7
Body
NSPSC107
1
8
Spreader Adjusting Valve Ass’y
NSPSC108
1set
15
‘O’ Ring (P-3 Teflon)
NSPSC109
1
16
Needle packing Screw
NSPSC110
1
17
Packing (3)
NSPSC111
1
18
Needle Cylinder
NSPSC112
1
19
Needle Valve Ass’y
NSPSC113
1set
23
Needle Spring
NSPSC114
1
24
Fluid Adjusting Screw
NSPSC115
1
25
Air Valve Ass’y
NSPSC116
1set
31
Nipple (¼”xM11)
NSPSC117
2
32
Air Adjusting Valve Ass’y
NSPSC118
1set
33
Paint Cup Ass’y
NSPSC119
1
#
Spanner (Not Shown)
NSPSC120
1
#
Cleaning Brush (Not Shown)
NSPSC121
1
#
Air Hose Joint Set (Not Shown)
NSPSC122
1
IMPORTANT:
The use of parts other than CLARKE replacement parts may result in safety hazards,
decreased tool performance and may invalidate your warranty.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com