Electronic Components Datasheet Search
  English  ▼

X  

PSC Datasheet(PDF) 7 Page - Clarke International

Part # PSC
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PSC Datasheet(HTML) 7 Page - Clarke International

  PSC Datasheet HTML 1Page - Clarke International PSC Datasheet HTML 2Page - Clarke International PSC Datasheet HTML 3Page - Clarke International PSC Datasheet HTML 4Page - Clarke International PSC Datasheet HTML 5Page - Clarke International PSC Datasheet HTML 6Page - Clarke International PSC Datasheet HTML 7Page - Clarke International PSC Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
PSC spray guns are fed with paint by a siphon (or suction) effect from the paint cup. The
air flow through the air cap draws paint up the feed tube, into the nozzle assembly,
where it is atomised and sprayed forward.
Mix the paint to the correct viscosity for spraying according to the manufacturers
instructions, and strain it into the paint cup through a fine mesh filter. When mixing the
paint, make sure that you have enough thinners left to clean the spray gun after use.
Do not fill the paint cup to more than 3/4 full. Make sure that the top edge of the cup and
the cup sealing gasket are clean and free from damage before mounting the cup on
the gun. The cup locking lever must be tightened firmly to prevent any leaks from around
the cup rim, also it is very important to keep the cup vent clear.
Set the spray pattern and fluid flow using the adjustment screws on the spray gun. The
spray pattern is variable between round and fan by adjusting the air flow through the air
cap. Turn the fan control screw anticlockwise to increase flow and give a fan shaped
spray pattern, turning clockwise to close off the air flow will give a circular pattern. The fan
can be adjusted vertically or horizontally to suit your requirements by loosening the
knurled locking ring and turning the wings to the desired position. Set the fluid flow
according to the paint in use and the spray pattern by using the fluid control screw;
anticlockwise to increase, clockwise to reduce flow. As the width of the spray is increased,
fluid flow will also need to be increased.
The air pressure needed will vary according to the paint in use, with thicker paints needing
greater pressure. For most paints, a pressure of between 1.5 and 4.2 bar (approximately
22 - 60 psi) is adequate, to increase the air pressure, turn the air flow control anticlockwise
to increase, and clockwise to decrease the air pressure.
NOTE:
To reduce overspray and obtain maximum transfer efficiency, always use the lowest
possible air inlet atomising pressure that produces an acceptable spray pattern.
The first requirement for a good resultant finish is the proper handling of the gun. The
gun should be perpendicular to the surface being covered and moved parallel with
it. The stroke should be started before the trigger is pulled and likewise released before
the stroke is ended. This gives accurate control of the gun and material.
The distance between the gun and the surface to be covered should be 6 to 12 inches
depending on the material and atomising pressure. The material deposited should always
be even and wet. Lap each stroke over the preceding stroke to obtain a uniform finish.
Damage to the fluid needle or nozzle, or any of the air ports, will result in a faulty spray
pattern. Take care when cleaning or assembling these components.
When spraying, the gun should be held square to the surface being painted, at a
distance of 6 to 12 inches depending on the paint and atomising pressure. Keep the gun
parallel to the surface being sprayed, starting the stroke before pulling the trigger, and
releasing the trigger before ending the stroke. Overlap each stroke over the preceding
stroke to obtain an even finish. The paint cover should be even and wet when spraying.
If the gun is too far from the surface, or the paint is too thin, the paint will dry before hitting
the work, resulting in a rough, sandy finish. Allowing overspray to fall on a finished area will
also result in a rough finish. Too much paint feed or holding the gun too close to the work
will lead to runs and sagging.
USING THE SPRAYGUN
PAINT SPRAYING HINTS Cont
To obtain best results, it is vital that the surface to be sprayed is well prepared. It must be
clean, free from dust, dirt and grease. Mask any area that is not to be sprayed.
Paint Thinning
Thinning is particularly important when paint spraying. Most paints are supplied ready for
brush application and need to be sufficiently diluted for spraying purposes. Always follow
the paint manufacturers instructions. If in doubt, always consult the paint manufacturer.
A Viscous Cup (not supplied), will assist in determining the correct thickness of the paint.
Water based paints ..... 35 - 45 secs
Oil based paints .......... 15 - 25 secs
Enamel paints .............. 15 - 25 secs
Primers .......................... 20 - 30 secs
Varnishes ...................... 20 - 25 secs
Aluminium paints ........ 15 - 25 secs
Wood preservatives .... Do Not Dilute
Wood Stains .................. Do Not Dilute
Smooth Masonry paint....dilute by 5 - 10%
Ensure the paint is free from lumps or other
matter, if necessary strain it through a coarse
filter.
The ideal viscosity for most paints is given in
the chart opposite.
Dip the cup into the paint and fill to the
brim. Time how long it takes for the cup to
empty.
Thin as required until times are achieved
Water based paints (emulsions) 10-20% water.
Oil based paints (gloss) up to 10% thinners.
Cellulose paints up to 50 % cellulose thinners.
IF IN ANY DOUBT, CONTACT THE PAINT MANUFACTURER
Alternatively if a viscous cup is not available, the following information can be used
as a rough guide.
- 6 -
- 9 -



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com