Electronic Components Datasheet Search
  English  ▼

X  

PSC Datasheet(PDF) 6 Page - Clarke International

Part # PSC
Description  SPRAY GUN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PSC Datasheet(HTML) 6 Page - Clarke International

  PSC Datasheet HTML 1Page - Clarke International PSC Datasheet HTML 2Page - Clarke International PSC Datasheet HTML 3Page - Clarke International PSC Datasheet HTML 4Page - Clarke International PSC Datasheet HTML 5Page - Clarke International PSC Datasheet HTML 6Page - Clarke International PSC Datasheet HTML 7Page - Clarke International PSC Datasheet HTML 8Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Spray Nozzle
Wings
fan Control
Fluid Control
Paint Cup Vent
Air Supply
Paint Cup
GENERAL ARRANGEMENT
PSC spray guns are available with one nozzle size, 1.2mm. ensure your spray gun is matched
to the capacity of your compressor.
Model
Nozzle size
Compressor required
PSC
1.2 mm
1.0 Hp and above
For best results, the air supply to the spray gun must be clean and dry, with no oil or water
contamination. Follow the air compressor manufacturer’s guidelines on installation and
operation to ensure that your air supply is as clean as possible. The compressed air supply
line to the spray gun must be fitted with an oil and water extractor and a suitable
pressure regulator.
Connect the air supply to the spray gun using a suitable 1/4” BSP fitting.
AIR SUPPLY
- 5 -
- 10 -
NOTES
Air Flow Control
Trigger
Knurled Locking Ring



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com