Electronic Components Datasheet Search
  English  ▼

X  

CAT23C Datasheet(PDF) 8 Page - Clarke International

Part # CAT23C
Description  AIR IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT23C Datasheet(HTML) 8 Page - Clarke International

Back Button CAT23C Datasheet HTML 4Page - Clarke International CAT23C Datasheet HTML 5Page - Clarke International CAT23C Datasheet HTML 6Page - Clarke International CAT23C Datasheet HTML 7Page - Clarke International CAT23C Datasheet HTML 8Page - Clarke International CAT23C Datasheet HTML 9Page - Clarke International CAT23C Datasheet HTML 10Page - Clarke International CAT23C Datasheet HTML 11Page - Clarke International CAT23C Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OPERATION
FITTING AN IMPACT SOCKET
1. Select the impact socket you require, which must be in good condition
and fit the tool exactly.
2. Push the socket onto the square drive shaft.
Only use the correct impact sockets.
SETTING THE DIRECTION AND SPEED
1.
For normal tightening, the wrench should be operated in the forward (F)
direction.
2. For loosening, the wrench should be operated in the reverse (R) direction.
3. To adjust the forward speed, turn the switch until the desired output is
achieved. A click will be heard at each of three positions.
• Setting 1 is the least amount of power while setting 3 is the most
powerful.
• The wrench operates at maximum power in reverse. This setting is for
releasing threaded fasteners.
NOTE: Where the torque setting is critical, the final tightening must be by
hand using a calibrated torque wrench.
OPERATING THE IMPACT WRENCH
1. Place the socket over the nut/bolt to be tightened or loosened.
2. Squeeze the trigger to start and release the trigger switch to stop the
wrench.
• The square drive will continue to rotate very briefly after the trigger
has been released.
WARNING: NEVER USE STANDARD SOCKETS. THESE MAY SHATTER WITH
SERIOUS CONSEQUENCES. ONLY USE IMPACT SOCKETS DESIGNED FOR
USE WITH IMPACT TOOLS.
WARNING: WAIT UNTIL THE WRENCH HAS STOPPED ROTATING BEFORE
OPERATING THE FORWARD/REVERSE SWITCH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com