Electronic Components Datasheet Search
  English  ▼

X  

CAT23C Datasheet(PDF) 2 Page - Clarke International

Part # CAT23C
Description  AIR IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT23C Datasheet(HTML) 2 Page - Clarke International

  CAT23C Datasheet HTML 1Page - Clarke International CAT23C Datasheet HTML 2Page - Clarke International CAT23C Datasheet HTML 3Page - Clarke International CAT23C Datasheet HTML 4Page - Clarke International CAT23C Datasheet HTML 5Page - Clarke International CAT23C Datasheet HTML 6Page - Clarke International CAT23C Datasheet HTML 7Page - Clarke International CAT23C Datasheet HTML 8Page - Clarke International CAT23C Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Impact Wrench.
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATION
GUARANTEE
This product is guaranteed against faulty manufacture for a period of 12
months from the date of purchase. Please keep your receipt which will be
required as proof of purchase.
This guarantee is invalid if the product is found to have been abused or
tampered with in any way, or not used for the purpose for which it was
intended. Faulty goods should be returned to their place of purchase, no
product can be returned to us without prior permission.
This guarantee does not effect your statutory rights.
Part number
3110402
Dimensions (L x W x H)
180 x 70 x 180 mm
Weight
2.1 kg
Drive size
1/2” square
Min. Hose Size (ID)
10 mm
Air Inlet Size
1/4“BSP Female
Operating Pressure
90 psi (6.2 bar)
Air Consumption
4.5 cfm average
Max Speed
7000 rpm max free speed
Sound Pressure Level (LpA dB)
94 dB(A)
Sound Power Level (LwA dB)
105 dB(A)
Vibration Level in handle
10.4 m/s2 (Uncertainty K = 4.16m/s2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com