Electronic Components Datasheet Search
  English  ▼

X  

CAT23C Datasheet(PDF) 3 Page - Clarke International

Part # CAT23C
Description  AIR IMPACT WRENCH
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CAT23C Datasheet(HTML) 3 Page - Clarke International

  CAT23C Datasheet HTML 1Page - Clarke International CAT23C Datasheet HTML 2Page - Clarke International CAT23C Datasheet HTML 3Page - Clarke International CAT23C Datasheet HTML 4Page - Clarke International CAT23C Datasheet HTML 5Page - Clarke International CAT23C Datasheet HTML 6Page - Clarke International CAT23C Datasheet HTML 7Page - Clarke International CAT23C Datasheet HTML 8Page - Clarke International CAT23C Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
WORK ENVIRONMENT
1. ALWAYS keep the work area clean and tidy.
2. ALWAYS dress appropriately - Do not wear loose clothing or jewellery. Tie
long hair out of the way.
3. ALWAYS keep children and bystanders away - Do not let children handle
the air tool.
4. DO NOT operate the air tool where there are flammable liquids or gases.
USE OF COMPRESSED AIR POWERED TOOLS
1. ALWAYS stay alert and use common sense - Do not operate the wrench
when you are tired or under the influence of alcohol, drugs or medication.
2. ALWAYS wear eye protectors when using this tool - Eye protection must
provide protection from flying particles/objects from the front and the side.
Ear protectors should also be worn.
3. DO NOT overreach - Keep proper footing and balance at all times.
4. NEVER use any type of bottled gas as a source of power for this tool.
5. DO NOT connect the air supply hose with your finger on the trigger.
6. NEVER exceed the maximum pressure for the wrench 90 psi / 6.2 bar.
7. Check air hoses for leaks or worn condition before use and ensure that all
connections are secure.
8. Keep the air supply hose away from heat, oil and sharp edges.
9. DO NOT use this tool for any purpose than that described in this manual.
10. DO NOT fit the tool to any stand or clamping device that may damage it.
11. DO NOT carry out any alterations or modifications to the tool.
12. ALWAYS disconnect from the air supply when:
• Performing any maintenance
• The tool is not in use.
• The tool will be left unattended.
CAUTION: FAILURE TO FOLLOW THESE PRECAUTIONS COULD RESULT IN
PERSONAL INJURY, AND/OR DAMAGE TO PROPERTY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com